Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1705 Datasheet(PDF) 8 Page - ams AG

Part # AS1705
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1705 Datasheet(HTML) 8 Page - ams AG

Back Button AS1705 Datasheet HTML 4Page - ams AG AS1705 Datasheet HTML 5Page - ams AG AS1705 Datasheet HTML 6Page - ams AG AS1705 Datasheet HTML 7Page - ams AG AS1705 Datasheet HTML 8Page - ams AG AS1705 Datasheet HTML 9Page - ams AG AS1705 Datasheet HTML 10Page - ams AG AS1705 Datasheet HTML 11Page - ams AG AS1705 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
8 - 20
AS1702 - AS1705
Data Sheet - Ty pi cal Operating Characte ristics
Figure 15. THD + Noise vs. Output Power;
Figure 16. THD + Noise vs. Output Power;
VDD = 5V, RL = 4
Ω, Av = 4
VDD = 5V, RL = 8
Ω, Av = 4
Figure 17. Output Power vs. Load Resistance;
Figure 18. Output Power vs. Load Resistance;
VDD = 3V
VDD = 5V
Figure 19. Output Power vs. Supply Voltage;
Figure 20. Output Power vs. Supply Voltage;
RL = 4
Ω
RL = 8
Ω
0.01
0.1
1
10
0
0.2
0.4 0.6
0.8
1
1.2
1.4 1.6
Output Power (W)
0.01
0.1
1
10
0
0.4
0.8
1.2
1.6
2
Output Power (W)
fIN = 1kHz
fIN = 100Hz
fIN = 1kHz
fIN = 100Hz
0
100
200
300
400
500
600
700
800
900
110
100
Load Resistance (
Ω)
0
0.4
0.8
1.2
1.6
2
2.4
1
10
100
Load Resistance (
Ω)
POUT @ THD = 10%
POUT @ THD = 1%
POUT @ THD = 10%
POUT @ THD = 1%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.5
3.5
4.5
5.5
Supply Voltage (V)
0
0.5
1
1.5
2
2.5
3
2.5
3.5
4.5
5.5
Supply Voltage (V)
POUT @ 10% (W)
POUT @ 1% (W)
POUT @ 10% (W)
POUT @ 1% (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com