Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1705 Datasheet(PDF) 2 Page - ams AG

Part # AS1705
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1705 Datasheet(HTML) 2 Page - ams AG

  AS1705 Datasheet HTML 1Page - ams AG AS1705 Datasheet HTML 2Page - ams AG AS1705 Datasheet HTML 3Page - ams AG AS1705 Datasheet HTML 4Page - ams AG AS1705 Datasheet HTML 5Page - ams AG AS1705 Datasheet HTML 6Page - ams AG AS1705 Datasheet HTML 7Page - ams AG AS1705 Datasheet HTML 8Page - ams AG AS1705 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
2 - 20
AS1702 - AS1705
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions – MSOP-10 and TDFN-10 Package
Pin
Name
Description
1SHDN
Shutdown Input. The polarity of this pin is dependent on the state of pin SHDM.
2IN-
Inverting Input
3
SHDM
Shutdown-Mode Polarity Input. This pin controls the polarity of pin SHDN.
Connect this pin high for an active-high SHDN input. Connect this pin low for an
active-low SHDN input (see Table 6 on page 11).
4IN+
Non-Inverting Input
5BIAS
DC Bias Bypass
6OUT-
Bridge Amplifier Negative Output
7GND
Ground
8N/C
Not Connected. No internal connection.
9VCC
Power Supply
10
OUT+
Bridge Amplifier Positive Output
1
2
3
4
10
9
8
7
SHDN
IN-
SHDM
IN+
OUT+
VCC
N/C
GND
AS1702/
AS1703/
AS1704/
AS1705
5
BIAS
6
OUT-
1
2
3
4
10
9
8
7
SHDN
IN-
SHDM
IN+
OUT+
VCC
N/C
GND
AS1702V/
AS1703V/
AS1704V/
AS1705V
5
BIAS
6
OUT-
10-pin MSOP Package
10-pin DFN Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com