Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1705 Datasheet(PDF) 11 Page - ams AG

Part # AS1705
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1705 Datasheet(HTML) 11 Page - ams AG

Back Button AS1705 Datasheet HTML 7Page - ams AG AS1705 Datasheet HTML 8Page - ams AG AS1705 Datasheet HTML 9Page - ams AG AS1705 Datasheet HTML 10Page - ams AG AS1705 Datasheet HTML 11Page - ams AG AS1705 Datasheet HTML 12Page - ams AG AS1705 Datasheet HTML 13Page - ams AG AS1705 Datasheet HTML 14Page - ams AG AS1705 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
11 - 20
AS1702 - AS1705
Data Sheet - Deta iled Description
8 Detailed Description
The AS1702 - AS1705 are 1.8W high output-current audio amplifiers (configured as BTL amplifiers), and contain inte-
grated low-power shutdown and click- and pop-suppression circuitry. Two inputs (SHDM and SHDN) allow shutdown
mode to be configured as active-high or active-low (see Shutdown Mode on page 11).
Each device has either adjustable or fixed gains (0dB, 3dB, 6dB) (see Ordering Information on page 19).
Bias
The devices operate from a single 2.7 to 5.5V supply and contain an internally generated, common-mode bias voltage
of:
referenced to ground. Bias provides click-and-pop suppression and sets the DC bias level for the audio outputs. Select
the value of the bias bypass capacitor as described in Section BIAS Capacitor on page 15.
Note:
Do not connect external loads to BIAS as this can adversely affect overall device performance.
Shutdown Mode
All devices implement a 100nA, low-power shutdown circuit which reduces quiescent current consumption. As shut-
down mode commences, the bias circuitry is automatically disabled, the device outputs go high impedance, and bias is
driven to GND.
The SHDM input controls the polarity of SHDN:
!
Drive SHDM high for an active-low SHDN input.
!
Drive SHDM low for an active-high SHDN input.
Click-and-Pop Suppression
During power-up, the device common-mode bias voltage (VBIAS (see page 4)) ramps to the DC bias point. When enter-
ing shutdown, the device outputs are driven high impedance to 100k
Ω between both outputs minimizing the energy
present in the audio band, thus preventing clicks and pops.
Table 6. Shutdown Mode Selection Configurations
SHDM
SHDN
Mode
0
0
Shutdown Mode Enabled
0
1
Normal Operation Enabled
1
0
Normal Operation Enabled
1
1
Shutdown Mode Enabled
2
(EQ 1)
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com