Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1705 Datasheet(PDF) 9 Page - ams AG

Part # AS1705
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1705 Datasheet(HTML) 9 Page - ams AG

Back Button AS1705 Datasheet HTML 5Page - ams AG AS1705 Datasheet HTML 6Page - ams AG AS1705 Datasheet HTML 7Page - ams AG AS1705 Datasheet HTML 8Page - ams AG AS1705 Datasheet HTML 9Page - ams AG AS1705 Datasheet HTML 10Page - ams AG AS1705 Datasheet HTML 11Page - ams AG AS1705 Datasheet HTML 12Page - ams AG AS1705 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
9 - 20
AS1702 - AS1705
Data Sheet - Ty pi cal Operating Characte ristics
Figure 21. Power Dissipation vs. Output Power;
Figure 22. Power Dissipation vs. Output Power;
VDD = 3V, RL = 4
Ω, Av = 2. f = 1kHz
VDD = 3V, RL = 8
Ω, Av = 2, f = 1kHz
Figure 23. Power Dissipation vs. Output Power;
Figure 24. Power Dissipation vs. Output Power;
VDD = 5V, RL = 4
Ω, Av = 2. f = 1kHz
VDD = 5V, RL = 8
Ω, Av = 2. f = 1kHz
Figure 25. Shutdown Hysteresis Voltage; VDD = 3V
Figure 26. Shutdown Hysteresis Voltage; VDD = 5V
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
700
Output Power (mW)
0
50
100
150
200
250
300
350
0
100
200
300
400
500
Output Power (mW)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Output Power (W)
0.0
0.2
0.4
0.6
0.8
1.0
0.00.2
0.40.6
0.81.0
1.21.4
Output Power (W)
0
0.5
1
1.5
2
2.5
3
01
23
Shutdown Voltage (V)
0
0.5
1
1.5
2
2.5
3
01
23
Shutdown Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com