Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1705 Datasheet(PDF) 19 Page - ams AG

Part # AS1705
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1705 Datasheet(HTML) 19 Page - ams AG

Back Button AS1705 Datasheet HTML 12Page - ams AG AS1705 Datasheet HTML 13Page - ams AG AS1705 Datasheet HTML 14Page - ams AG AS1705 Datasheet HTML 15Page - ams AG AS1705 Datasheet HTML 16Page - ams AG AS1705 Datasheet HTML 17Page - ams AG AS1705 Datasheet HTML 18Page - ams AG AS1705 Datasheet HTML 19Page - ams AG AS1705 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
19 - 20
AS1702 - AS1705
Data Sheet - Or dering Informati on
11 Ordering Information
The devices are available as the standard products shown in Table 7.
Table 7. Ordering Information
Model
Description
Gain
Package Type
Delivery Form
AS1702-T
1.8W Single-Channel Audio Power Amplifier
Adjustable
10-pin MSOP,
3x3x0.8mm
Tape and Reel
AS1703-T
AV = 0dB
AS1704-T
AV = 3dB
AS1705-T
AV = 6dB
AS1702V-T
Adjustable
10-pin DFN,
3x3x0.8mm
Tape and Reel
AS1703V-T
AV = 0dB
AS1704V-T
AV = 3dB
AS1705V-T
AV = 6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com