Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1746 Datasheet(PDF) 8 Page - ams AG

Part # AS1746
Description  0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 8 Page - ams AG

Back Button AS1746 Datasheet HTML 4Page - ams AG AS1746 Datasheet HTML 5Page - ams AG AS1746 Datasheet HTML 6Page - ams AG AS1746 Datasheet HTML 7Page - ams AG AS1746 Datasheet HTML 8Page - ams AG AS1746 Datasheet HTML 9Page - ams AG AS1746 Datasheet HTML 10Page - ams AG AS1746 Datasheet HTML 11Page - ams AG AS1746 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
8 - 15
AS1746
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1746 is a low on-resistance, low-voltage, asymmetrical dual-SPDT analog switch designed to operate from a
single +1.8 to +5.5V supply. The device is fully specified for nominal 3V applications and features break-before-make
switching and fast switching speeds (tON = 60ns max, tOFF = 35ns max).
The device provides 0.5
Ω (max) RON for its NC switch, and 0.6Ω (max) RON for its NO switch for applications that
require asymmetrical loads.
Figure 15. AS1746 - Block Diagram – WL-CSP-10
AS1746
NO2
NC2
IN2
COM2
V+
IN1
COM1
NO1
GND
NC1
C1
C2
C3
C4
A1
A2
A3
A4
B1
B4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com