Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1746 Datasheet(PDF) 5 Page - ams AG

Part # AS1746
Description  0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 5 Page - ams AG

  AS1746 Datasheet HTML 1Page - ams AG AS1746 Datasheet HTML 2Page - ams AG AS1746 Datasheet HTML 3Page - ams AG AS1746 Datasheet HTML 4Page - ams AG AS1746 Datasheet HTML 5Page - ams AG AS1746 Datasheet HTML 6Page - ams AG AS1746 Datasheet HTML 7Page - ams AG AS1746 Datasheet HTML 8Page - ams AG AS1746 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
5 - 15
AS1746
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
VISO
Off-Isolation
6
VCOMx = 1VRMS, RLOAD = 50
Ω, CLOAD =
5pF, f = 100kHz
(see Figure 20 on page 11)
-64
dB
VXT
Crosstalk
VCOMx = 1VRMS, RLOAD = 50
Ω, CLOAD =
5pF, f = 100kHz
(see Figure 20 on page 11)
-60
dB
THD
Total Harmonic
Distortion
RLOAD = 600
Ω, INx = 2VP-P,
f = 20Hz to 20kHz
0.025
%
CNCXOFF
NCx Off-Capacitance
f = 1MHz (see Figure 21 on page 11)
84
pF
CNOXOFF
NOx Off-Capacitance
f = 1MHz (see Figure 21 on page 11)
37
pF
CNCXON
NCx On-Capacitance
f = 1MHz (see Figure 21 on page 11)
190
pF
CNOXON
NOx On-Capacitance
f = 1MHz (see Figure 21 on page 11)
150
pF
Digital I/O
VIH
Input Logic High
1.4
V
VIL
Input Logic Low
0.5
V
IINx
INx Input Leakage
Current
VINx = 0 or V+
-1
1
µA
Power Supply
V+
Power Supply Range
1.8
5.5
V
I+
Supply Current
V+ = 5.5V; VINx = 0 or V+, TAMB = 25°C
-50
50
nA
V+ = 5.5V; VINx = 0 or V+
-350
350
1. The algebraic convention used in this data sheet is such that the most negative value is the minimum and the
most positive value is the maximum.
2.
ΔRON = RON(MAX) - RON(MIN) between pins NC1 and NC2 or between pins NO1 and NO2.
3. Flatness is defined as the difference between the maximum and minimum value of RON as measured over the
specified analog signal ranges.
4. 100% tested.
5. Guaranteed by design.
6. Off-isolation = 20LOG10 (VCOM/VNO), VCOM = output, VNO = input to off switch.
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
1
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com