Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1746 Datasheet(PDF) 1 Page - ams AG

Part # AS1746
Description  0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 1 Page - ams AG

  AS1746 Datasheet HTML 1Page - ams AG AS1746 Datasheet HTML 2Page - ams AG AS1746 Datasheet HTML 3Page - ams AG AS1746 Datasheet HTML 4Page - ams AG AS1746 Datasheet HTML 5Page - ams AG AS1746 Datasheet HTML 6Page - ams AG AS1746 Datasheet HTML 7Page - ams AG AS1746 Datasheet HTML 8Page - ams AG AS1746 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1746
0.5/0.6
Ω, Low-Voltage, Dual SPDT Analog Switch
www.austriamicrosystems.com
Revision 1.03
1 - 15
Datasheet
1 General Description
The AS1746 is a low on-resistance (RON), low-voltage,
dual-single-pole/double-throw (SPDT) analog switch
designed to operate from a single +1.8 to +5.5V supply.
The device features a 0.5
Ω (max) RON for normally
closed (NC) switches and a 0.6
Ω (max) RON for nor-
mally open (NO) switches using a +2.7V supply.
The AS1746 features break-before-make switching
(2ns) with tON = 50ns and tOFF = 30ns (using a +2.7V
supply).
The digital logic inputs are 1.8V logic-compatible with
+2.7 to +3.3V supplies.
The AS1746 is available in a TDFN-10 (3x3mm) pack-
age and a WL-CSP-10 package.
Figure 1. AS1746 - Block Diagram
2 Key Features
!
Single Supply Operation: +1.8V to +5.5V
!
Normally Closed Switch RON: 0.45
Ω (+2.7V Supply)
!
Normally Open Switch RON: 0.55
Ω (+2.7V Supply)
!
RON Matching Between Channels: 0.06
Ω
!
RON Flatness Over Signal Range: 0.15
Ω
!
Supply Current: 50nA
!
Rail-to-Rail Signal Handling
!
1.8V Logic Compatibility
!
Low Crosstalk: -60dB (100kHz)
!
High Off-Isolation: -64dB (100kHz)
!
Total Harmonic Distortion: 0.025%
!
Ultra-Low Leakage Currents: 1nA (@ TAMB = +25ºC)
!
Package Types:
- TDFN-10 (3x3mm)
- WL-CSP-10
3 Applications
The device is ideal for audio headsets, MP3 players,
power routing switches, relay replacements, audio and
video signal routing, communications circuits, PCMCIA
cards, mobile phones, MODEMs, and any battery-oper-
ated equipment.
Truth Table
Switch shown for logic low input.
IN
NOx to
COM
NCx to
COM
Low
Off
On
High
On
Off
AS1746
4
IN1
3
COM1
2
NO1
1
V+
6GND
7
NC2
9COM2
10 NO2
5
NC1
8
IN2


Similar Part No. - AS1746

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1746 AMSCO-AS1746 Datasheet
360Kb / 2P
0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
More results

Similar Description - AS1746

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
0.5 Low-Voltage, Dual SPDT Analog Switch
logo
ams AG
AS1746 AMSCO-AS1746 Datasheet
360Kb / 2P
0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
logo
Vishay Siliconix
DG2735A VISHAY-DG2735A_V01 Datasheet
175Kb / 10P
Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
18-Apr-16
DG2735 VISHAY-DG2735_V01 Datasheet
169Kb / 10P
Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
22-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com