Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1746 Datasheet(PDF) 9 Page - ams AG

Part # AS1746
Description  0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 9 Page - ams AG

Back Button AS1746 Datasheet HTML 5Page - ams AG AS1746 Datasheet HTML 6Page - ams AG AS1746 Datasheet HTML 7Page - ams AG AS1746 Datasheet HTML 8Page - ams AG AS1746 Datasheet HTML 9Page - ams AG AS1746 Datasheet HTML 10Page - ams AG AS1746 Datasheet HTML 11Page - ams AG AS1746 Datasheet HTML 12Page - ams AG AS1746 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
9 - 15
AS1746
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Digital Control Inputs
The AS1746 logic inputs can handle up to +5.5V regardless of the supply voltage. For example, with a +3.3V supply,
INx may be driven low to GND and high to 5.5V. Driving INx rail-to-rail minimizes power consumption.
Analog Signal Levels
Analog signals that range over the entire supply voltage (V+ to GND) are passed with very little change in RON (see
Typical Operating Characteristics on page 6). The switches are bi-directional, so the NOx, NCx, and COMx pins can be
used as inputs or outputs.
Power Supply Sequencing
Proper power supply sequencing is recommended for all CMOS devices. The recommended sequence is as follows:
1. V+
2. NOx, NCx, COMx
Always apply V+ before applying analog signals, especially if the analog signal is not current limited. If this sequencing
is not possible, and if the analog inputs are not current limited to <20mA, add a small signal protection diode (D1) as
shown in Figure 16.
Overvoltage Protection
Using a protection diode will reduce the analog range to a diode voltage drop (approximately 0.7V) below V+ (for D1).
RON will increase slightly at low supply voltages.
Caution: The maximum supply voltage (V+) must not exceed +7V. Do not exceed the absolute maximum ratings
because stresses beyond the ratings listed in Absolute Maximum Ratings on page 3 may cause permanent
damage to the device.
Note: Protection diode D1 can also protect the device from some overvoltage conditions.
Figure 16. Overvoltage Protections using 2 External Blocking Diodes
Note: No damage will result to the circuit shown in Figure 16 if the supply voltage is below the absolute maximum rat-
ing applied to an analog signal pin (NOx, NCx, or COMx).
AS1746
GND
VGEN
NO
D1
V+
Positive
Supply
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com