Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 14 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 14 Page - ams AG

Back Button AS5030_1 Datasheet HTML 10Page - ams AG AS5030_1 Datasheet HTML 11Page - ams AG AS5030_1 Datasheet HTML 12Page - ams AG AS5030_1 Datasheet HTML 13Page - ams AG AS5030_1 Datasheet HTML 14Page - ams AG AS5030_1 Datasheet HTML 15Page - ams AG AS5030_1 Datasheet HTML 16Page - ams AG AS5030_1 Datasheet HTML 17Page - ams AG AS5030_1 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 14 of 33
4.21 3-Wire Daisy Chain Mode
The Daisy Chain mode allows connection of more than one AS5030 to the same controller interface. Independent of the number
of connected devices, the interface to the controller remains the same with only three signals: CSn, CLK and DO. In Daisy
Chain mode, the data from the second and subsequent devices is appended to the data of the first device.
The 100nF buffer cap at the supply
(shown only for the last device) is
recommended for all devices.
The total number of serial bits is:
n*21, where n is the number of
connected devices:
e.g. for 2 devices, the serial bit
stream is 42bits . For three devices
it is 63 bits.
Figure 17: Connection of devices in 3-wire Daisy Chain mode
CLK
CS
AS5030 #1
CMD3
DIO
12
3
4
56
78
CMD1
CMD2
CMD0 D15
D14
D13
CMD4
CMD3
20
21
22
23
24
25
26
CMD1
CMD2
CMD0 D15
D14
D13
CMD4
27
28
29
D0
CMD3
41
42
43
44
CMD2
CMD4
D0
AS5030 #2
AS5030 #3
Figure 18: Timing diagram in 3-wire Daisy Chain mode
4.22 2-Wire Daisy Chain Mode
Figure 19: 2-wire Daisy Chain mode
The AS5030 can also be connected in 2-wire Daisy Chain mode, requiring only two signals (Clock and Data) for any given
number of daisy-chained devices. Note that the connection of all devices except the last device is the same as for the 3-wire
connection (see Figure 17). The last device must have pin C2 (#15) set to high and feeds the DX signal to CS of the first device.
Again, each device should be buffered with a 100nF cap (shown only for the last device).
AS5030
#1
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
DX
AS5030
#2
CS
CLK
DIO
C2
VDD
13
11
10
12
15
C1
VSS
3
14
DX
AS5030
(last device)
CS
CLK
DIO
C2
VDD
13
11
10
12
15
C1
VSS
3
14
DX
AS5030
#1
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
DX
AS5030
#2
CS
CLK
DIO
C2
VDD
13
11
10
12
15
C1
VSS
3
14
DX
AS5030
(last device)
CS
CLK
DIO
C2
VDD
13
11
10
12
15
C1
VSS
3
14
DX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com