Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 4 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 4 Page - ams AG

  AS5030_1 Datasheet HTML 1Page - ams AG AS5030_1 Datasheet HTML 2Page - ams AG AS5030_1 Datasheet HTML 3Page - ams AG AS5030_1 Datasheet HTML 4Page - ams AG AS5030_1 Datasheet HTML 5Page - ams AG AS5030_1 Datasheet HTML 6Page - ams AG AS5030_1 Datasheet HTML 7Page - ams AG AS5030_1 Datasheet HTML 8Page - ams AG AS5030_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 4 of 33
4 General Device Specifications
(operating conditions: Tamb = -40°C to +125°C, VDD5V = 4.5V ~ 5.5V, all voltages referenced to VSS, unless otherwise noted)
4.1
Absolute Maximum Ratings (non operating)
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage
VDD
-0.3
7
V
(1) Except during OTP programming
Input Pin Voltage
Vin
VSS - 0.5
VDD + 0.5
V
Input Current (latch up immunity)
Iscr
-100
100
mA
Norm: Jedec 17
ESD
±2
kV
Norm: MIL 883 E method 3015
137
°C/W
Still Air / Single Layer PCB
Package Thermal Resistance
ΘJA
89
°C/W
Still Air / Multilayer PCB
Storage Temperature
Tstrg
-55
125
°C
Soldering conditions, Body temperature
(Pb-free package)
Tbody
260
°C
T=20s to 40s, Norm: IPC/JEDEC
J-Std-020C. Lead finish 100% Sn
“matte tin”
Humidity non-condensing
5
85
%
4.2
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Positive Supply Voltage
VDD
4.5
5.5
V
14
18
No load on outputs. Minimum AGC
(strong magnetic field)
Operating Current
IDD
18
22
mA
No load on outputs. Maximum AGC
(weak or no magnetic field)
1400
2000
Low Power Mode
Power down current
Ioff
30
120
µA
Ultra Low Power Mode
Ambient Temperature
Tamb
-40
125
°C
-40°F ~ +257°F
Junction Temperature
TJ
140
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com