Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 5 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 5 Page - ams AG

  AS5030_1 Datasheet HTML 1Page - ams AG AS5030_1 Datasheet HTML 2Page - ams AG AS5030_1 Datasheet HTML 3Page - ams AG AS5030_1 Datasheet HTML 4Page - ams AG AS5030_1 Datasheet HTML 5Page - ams AG AS5030_1 Datasheet HTML 6Page - ams AG AS5030_1 Datasheet HTML 7Page - ams AG AS5030_1 Datasheet HTML 8Page - ams AG AS5030_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 5 of 33
4.3
System Parameters
Parameter
Symbol
Min
Typ
Max
Unit
Note
8
bit
Resolution
N
1.406
°
1000
Startup from zero; AGC not
regulated
3800
Startup from zero until
regulated AGC
500
Startup from Power Down
Mode
Power Up Time
TPwrUp
150
μs
Startup from Low Power Mode
Propagation delay
tda
15
17
µs
Analog signal path; over full
temperature range
Tracking rate
tdd
0.85
1.15
1.45
µs
step rate of tracking ADC;
1 step = 1.406°
Signal processing delay
tdelay
16.15
18.45
µs
Total signal processing delay,
analog + digital
( tda + tdd )
Analog filter time
constant
T
4.1
6.6
12.5
µs
Internal lowpass filter
-2
2
centered magnet
Accuracy
INLcm
-3
3
°
within horizontal displacement
radius (4.4)
Transition noise
TN
0.235
°
rms (1 sigma)
PORr
3.5
4.5
V
VDD rising
PORf
3.0
4.5
V
VDD falling
Power-On-Reset levels
Hyst
500
mV
Hysteresis
| PORr -PORf |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com