Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 22 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 22 Page - ams AG

Back Button AS5030_1 Datasheet HTML 18Page - ams AG AS5030_1 Datasheet HTML 19Page - ams AG AS5030_1 Datasheet HTML 20Page - ams AG AS5030_1 Datasheet HTML 21Page - ams AG AS5030_1 Datasheet HTML 22Page - ams AG AS5030_1 Datasheet HTML 23Page - ams AG AS5030_1 Datasheet HTML 24Page - ams AG AS5030_1 Datasheet HTML 25Page - ams AG AS5030_1 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 22 of 33
The differentiator between Low Power Mode and Ultra Low Power Mode is the current consumption and the wake-up time to
switch back to active operation.
In both Reduced Power Modes, the AS5030 is inactive. The last state, e.g. the angle, AGC value, etc. is frozen and the chip
starts from this frozen state when it resumes active operation. This method provides much faster start-up than a “cold start”
from zero. If the AS5030 is cycled between active and reduced current mode, a substantial reduction of the average supply
current can be achieved. The minimum dwelling time in active mode is the wake-up time. The actual active time depends on how
much the magnet has moved while the AS5030 was in reduced power mode. The angle data is valid, when the status bit LOCK
has been set (see 5.2.1). Once a valid angle has been measured, the AS5030 can be put back to reduced power mode. The
average power consumption can be calculated as:
off
on
off
down
power
on
active
avg
t
t
t
I
t
I
I
+
∗
+
∗
=
_
sampling interval = ton + toff
where:
Iavg
average current consumption
Iactive:
current consumption in active mode
Ipower_down:
current consumption in reduced power mode
ton:
time period during which the chip is operated in active mode
toff:
time period during which the chip is in reduced power mode
Example: Ultra Low Power Mode; sampling period = one measurement every 10ms.
System constants = Iactive = 14mA, Ipower_down = 30µA, ton(min) = 500µs (startup from Ultra Low Power Mode):
A
ms
s
ms
A
s
mA
I
avg
μ
μ
μ
μ
729
5
,
9
500
5
,
9
*
30
500
14
=
+
+
∗
=
see Figure 27 for an overview table of the average current consumption in the various reduced power modes.
Reducing Power Supply Peak Currents
An optional RC-filter (R1/C1) may be added to avoid peak currents in the power supply line when the AS5030 is toggled
between active and reduced power mode. R1 must be chosen such that it can maintain a VDD voltage of 4.5V ~ 5.5V under all
conditions, especially during long active periods when the charge on C1 has expired. C1 should be chosen such that it can
support peak currents during the active operation period. For long active periods, C1 should be large and R1 should be small.
8.2
Power Cycling Mode
The power cycling method shown in Figure 26
cycles the AS5030 by switching it on and off, using
an external PNP transistor high side switch.
This mode provides the least power consumption of
all three modes; when the sampling interval is more
than 400ms, as the current consumption in off-
mode is zero.
It also has the longest start-up time of all modes,
as the chip must always perform a “cold start“ from
zero, which takes about 1.9 ms (see 8.1).
The optional filter R1/C1 may again be added to
reduce peak currents in the 5V power supply line.
Figure 26: Application example III: ultra-low power encoder
Figure 27 shows an overview of the average supply
currents in the three reduced power modes, depending on the sampling interval. The graphs shows that the Low Power Mode is
the best option for sampling intervals <4ms, while the Ultra Low Power Mode is the best option for sampling intervals between
Mode
Current
Consumption
(typ.)
Wake-up Time to Active
Operation
Active operation
14 mA
1.0 ms (without AGC)
3.8 ms(with locked AGC)
Low Power Mode
1.4 mA
0.15 ms
Ultra Low Power Mode
30 µA
0.5 ms
Micro
Controller
+5V
VDD
VSS
VSS
VDD
10k
on/off
C1
>1µF
R1
ton
toff
AS5030
100n
CS
CLK
DIO
VSS
VDD
S
N
C1 C2
ton
toff
Ion
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com