Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 25 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 25 Page - ams AG

Back Button AS5030_1 Datasheet HTML 21Page - ams AG AS5030_1 Datasheet HTML 22Page - ams AG AS5030_1 Datasheet HTML 23Page - ams AG AS5030_1 Datasheet HTML 24Page - ams AG AS5030_1 Datasheet HTML 25Page - ams AG AS5030_1 Datasheet HTML 26Page - ams AG AS5030_1 Datasheet HTML 27Page - ams AG AS5030_1 Datasheet HTML 28Page - ams AG AS5030_1 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 25 of 33
9.2
Vertical distance of the magnet
The chip-internal automatic gain control (AGC) regulates the input signal amplitude for the tracking-ADC to a constant value.
This improves the accuracy of the encoder and enhances the tolerance for the vertical distance of the magnet.
Linearity and AGC vs Airgap
0
8
16
24
32
40
48
56
64
0
500
1000
1500
2000
2500
Airgap [mm]
1,0
1,2
1,4
1,6
1,8
2,0
2,2
sample#1
sample#2
sample#3
sample#4
Linearity [°]
Figure 30: Typical curves for vertical distance versus ACG value on several untrimmed samples
As shown in Figure 30, the AGC value (left Y-axis) increases with vertical distance of the magnet.
Consequently, it is a good indicator for determining the vertical position of the magnet, for example as a pushbutton feature, as
an indicator for a defective magnet or as a preventive warning (e.g. for wear on a ball bearing etc.) when the nominal AGC
value drifts away.
If the magnet is too close or the magnetic field is too strong, the AGC will be reading 0,
If the magnet is too far away (or missing) or if the magnetic field is too weak, the AGC will be reading 63 (3FH).
The AS5030 will still operate outside the AGC range, but the accuracy may be reduced as the signal amplitude can no longer be
kept at a constant level.
The linearity curve in Figure 30 (right Y-axis) shows that the accuracy of theAS5030 is best within the AGC range, even slightly
better at small airgaps (0.4mm ~ 0.8mm).
At very short distances (0mm ~ 0.1mm) the accuracy is reduced, mainly due to nonlinearities in the magnetic field.
At larger distances, outside the AGC range (~2.0mm ~ 2.5mm and more) the accuracy is still very good, only slightly decreased
from the nominal accuracy.
Since the field strength of a magnet changes with temperature, the AGC will also change when the temperature of the magnet
changes. At low temperatures, the magnetic field will be stronger and the AGC value will decrease. At elevated temperatures,
the magnetic field will be weaker and the AGC value will increase.
Sensitivity trimming
As the curves for the 4 samples in Figure 30 show, the AGC value will not show exactly the same value at a given airgap on
each part. For example, at 1mm vertical distance, the AGC may read a value between ~11 ~ 24. This is because for normal
operation an exact trimming is not required since the AGC is part of a closed loop system.
However, the AS5030 offers an optional user trimming in the OTP (see 5.2.4) to allow an even tighter AGC tolerance for
applications where the information about magnetic field strength is also utilized, e.g. for rotate-and-push types of knobs, etc…
[µm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com