Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 8 Page - ams AG

Part # AS7620
Description  500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 8 Page - ams AG

Back Button AS7620 Datasheet HTML 4Page - ams AG AS7620 Datasheet HTML 5Page - ams AG AS7620 Datasheet HTML 6Page - ams AG AS7620 Datasheet HTML 7Page - ams AG AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG AS7620 Datasheet HTML 10Page - ams AG AS7620 Datasheet HTML 11Page - ams AG AS7620 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.austriamicrosystems.com
Revision 1.13
8 - 16
AS7620
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
Figure 17. System Diagram of AS7620-A with Early Power Fail Warning
Shut Down
The device can be shut down by providing a voltage lower than 1V at the SHDN pin (7). In this condition, the
consumption is only 1µA (typ.). The AS7620 is providing an internally regulated pull-up circuit. No external pull-up
resistor shall be used, which could otherwise damage the shutdown input. Connect the SHDN input directly to an open
drain port only.
Soft Start
The device implements a soft start by limiting the inrush current into the output choke. Initially, the internal PMOS is
turned on until the current reaches the programmed current limit (see Current Limit on page 9) and then is immediately
turned off. It will be turned on again when the current approaches 0A. In this time frame, the FB voltage (VFB) will be
lower than the reference and so the duty cycle will be driven by the current limit only.
Regulation
Both AS7620-A and AS7620-B are based on a hysteretic control method. Moreover, the switch current is monitored to
make the converter always work in discontinuous current mode (DCM). The advantages of this type of control system
can be summarized as following:
!
High efficiency even at light load
!
Intrinsically stable
!
Simplicity
!
Readiness during the load transient
The internal PMOS is switched on when the VFB is lower than VREF-VHYST/2 and the current is 0A (DCM). The on time
will be terminated if the VFB is over VREF+VHYST/2 or if the current limit (CL) is triggered. In practice, considering the
most common application conditions (L=10µH ÷ 100µH; C=10µF - 100µF) and setting the CL threshold according to
the load, the on time is normally terminated by the CL intervention and the output voltage ripple will stay within 1.25%
of the output voltage (typ.) or VHYST * VOUT / VREF.
Table 4. AS7620 Output Voltage Options
AS7620
AS7620A-BQFT
AS7620B-BQFT
VOUT
ADJ.
3.3V
2.2µF
100µF
D1
10µH
VOUT
3.6V to 32V
VIN
LX
FB
ILIM
COUT
PF
R7
R6
R5
R3
R4
CIN
PG
AS7620-A
VEPF
VHYS
J1
VIN
SHDN
J2
R1
R3
3.3V
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com