Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 3 Page - ams AG

Part # AS7620
Description  500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 3 Page - ams AG

  AS7620 Datasheet HTML 1Page - ams AG AS7620 Datasheet HTML 2Page - ams AG AS7620 Datasheet HTML 3Page - ams AG AS7620 Datasheet HTML 4Page - ams AG AS7620 Datasheet HTML 5Page - ams AG AS7620 Datasheet HTML 6Page - ams AG AS7620 Datasheet HTML 7Page - ams AG AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.austriamicrosystems.com
Revision 1.13
3 - 16
AS7620
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical
Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VIN
-0.3
40
V
LX
-0.3
VIN+0.3
V
FB, SHDN
-0.3
VIN+0.3
or 5.5
V
Whichever is lower
All other pins except LX, FB and SHDN
-0.3
3.6
V
Latch-Up
-30
+30
mA
Norm: JEDEC 78
1
1. Voltage on pin 7 (SHDN) limited to +5.5V
Package Power Dissipation
1
W
θJA = 32ºC/W for a 4-layer board, 4 vias,
TAMB = +70ºC
Operating Temperature Range
-40
+125
ºC
Junction temperature
Electrostatic Discharge
-1000
+1000
V
Norm: HBM MIL-Std. 883E 3015.7 methods
Humidity (Non-Condensing)
5
90
%R.H.
Storage Temperature
-55
125
ºC
Junction Temperature
150
ºC
Package body temperature
260
ºC
Norm: IPC/JEDEC J-STD-020D.
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020D “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com