Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 2 Page - ams AG

Part # AS7620
Description  500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 2 Page - ams AG

  AS7620 Datasheet HTML 1Page - ams AG AS7620 Datasheet HTML 2Page - ams AG AS7620 Datasheet HTML 3Page - ams AG AS7620 Datasheet HTML 4Page - ams AG AS7620 Datasheet HTML 5Page - ams AG AS7620 Datasheet HTML 6Page - ams AG AS7620 Datasheet HTML 7Page - ams AG AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.austriamicrosystems.com
Revision 1.13
2 - 16
AS7620
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
VIN
1
High Voltage Power Supply Input
GND
2
Must be connected to GND
LX
3
Power Output to Inductor
GND
4
Must be connected to GND
FB
5
Feedback input
ILIM
6
Current Limit input
SHDN
7
Shutdown input, active low
GND
8
Must be connected to GND
GND
9
Must be connected to GND
PF
10
Early Power Fail output, open drain, active LOW
VEPF
11
Comparator voltage input for early power fail warning
PG
12
Power Good, open drain, active HIGH output, monitors feedback voltage
PGND
Pad
Exposed pad. Connect to GND plane to help thermal dissipation
1
2
3
45
6
7
8
9
10
11
12
VIN
GND
LX
GND
GND
SHDN
AS7620
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com