Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 4 Page - ams AG

Part # AS7620
Description  500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 4 Page - ams AG

  AS7620 Datasheet HTML 1Page - ams AG AS7620 Datasheet HTML 2Page - ams AG AS7620 Datasheet HTML 3Page - ams AG AS7620 Datasheet HTML 4Page - ams AG AS7620 Datasheet HTML 5Page - ams AG AS7620 Datasheet HTML 6Page - ams AG AS7620 Datasheet HTML 7Page - ams AG AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.austriamicrosystems.com
Revision 1.13
4 - 16
AS7620
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TJ = -40 to +125ºC, VOUT=3.3V, LX=10µH, CX=100µF (unless otherwise specified). Typ. values at VIN= +24V and
TAMB= +25ºC.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage Range
3.6
24
32
V
VCC
VEPF, ILIM
-0.3
3.6
V
VST
Start-up Voltage
3.3
V
VOUT
Output Voltage
AS7620-A
1.19
VIN
V
AS7620-B
Initial, at 25ºC amb.
3.267
3.300
3.333
V
Over line, load and temperature
3.218
3.383
VFB
Feedback voltage
AS7620-A
Initial, at 25ºC amb.
1.178
1.190
1.202
V
Over line and temperature
1.166
1.214
V
AS7620-B
3.218
3.300
3.383
VHYS
Controller
Hysteresis
AS7620-A
At FB node
815
30
mV
AS7620-B
22
42
82
VEPF
Early Power Fail Threshold
at VEPF
1.19
V
VPG
Power Good Threshold
of VFB at FB pin
91
93
95
%
Line Regulation
VIN=8V to 24V, RL=200Ω
0.1
% / V
Load Regulation
10% to 90% load change
0.9
%
IFB
Input Bias
Current
AS7620-A
FB pin
200
nA
AS7620-B
3
5
µA
IOUT
Output Current
ILIM/2
mA
ILIM
Switch Current Limit
ILIM=0V
1
1. LX=100µH, CX=10µF, Initial accuracy only. For temperature variation, please refer to performance graphs.
192
240
288
mA
ILIM=VOUT
2
2. VOUT from 1.5V to 3.6V
576
720
864
ILIM=open
800
1000
1200
P-Channel on resistance
0.4
0.8
Ω
Maximum Duty Cycle
At VIN=3.6V
100
%
tON
Minimum On-Time
Current limit is not attained to turn
off the switch before the minimum
on-time expired
810
12
µs
tOFF
Minimum Off-Time
0.22
0.42
0.62
µs
IQ
Quiescent Current
Non-switching
30
45
µA
IOUT=500µA
37
µA
ISHDN
Shutdown Current
15
µA
VLO
Shutdown Threshold
SHDN
1
V
IIBN
Logic Input Bias Current
SHDN
1
µA
TSHDN
Shutdown Temperature
150
175
ºC
TSHDN Hysteresis
10
ºC
TJ
Operating Temperature
junction
-40
125
ºC
TAMB
ambient
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com