Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 5 Page - ams AG

Part # AS7620
Description  500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 5 Page - ams AG

  AS7620 Datasheet HTML 1Page - ams AG AS7620 Datasheet HTML 2Page - ams AG AS7620 Datasheet HTML 3Page - ams AG AS7620 Datasheet HTML 4Page - ams AG AS7620 Datasheet HTML 5Page - ams AG AS7620 Datasheet HTML 6Page - ams AG AS7620 Datasheet HTML 7Page - ams AG AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.austriamicrosystems.com
Revision 1.13
5 - 16
AS7620
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Figure 3. Efficiency vs Output Current, VOUT=4.5V
Figure 4. PMOS Rdson vs. Temperature
Figure 5. GND Current vs. IOUT @ TAMB
Figure 6. GND Current vs. Temperature @ IOUT=0A
Figure 7. Current Limit Threshold vs VIN
Figure 8. Average Switching Frequency vs VIN
0
100
200
300
400
500
600
700
800
900
1000
-40 -20
0
20
40
60
80 100 120
Temp (C)
30
40
50
60
70
80
90
100
1
10
100
1000
Iout (mA)
VIN=32V
VIN=12V
VIN=24V
VIN=5V
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
Temp (C)
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
Iout (mA)
VIN=32V
VIN=24V
VIN=12V
VIN=5V
VIN=32V
VIN=24V
VIN=5V
VIN=12V
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
5
1015
2025
30
Vin (V)
ILIM GND
ILIM VOUT
ILIM FLOATING
100
1000
10000
100000
1000000
5 7 9 11 13 15 1719 21 23 25 27 29 31
Vin (V)
IOUT=500µA
IOUT=5mA
IOUT=50mA
IOUT=500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com