Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOT Datasheet(PDF) 9 Page - ams AG

Part # AS8530-ASOT
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT Datasheet(HTML) 9 Page - ams AG

Back Button AS8530-ASOT Datasheet HTML 5Page - ams AG AS8530-ASOT Datasheet HTML 6Page - ams AG AS8530-ASOT Datasheet HTML 7Page - ams AG AS8530-ASOT Datasheet HTML 8Page - ams AG AS8530-ASOT Datasheet HTML 9Page - ams AG AS8530-ASOT Datasheet HTML 10Page - ams AG AS8530-ASOT Datasheet HTML 11Page - ams AG AS8530-ASOT Datasheet HTML 12Page - ams AG AS8530-ASOT Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
9 - 29
AS8530
Preliminary Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
1. During shut down, the sensor must be powered by VSUP.
2. Thermal shut down disables LDO and sets all drivers to high impedance, the IC returns from shut down with POR
Figure 3. LIN Timing
6.1.3 VCC Undervoltage Reset and Window Watchdog
The values in this table are valid for normal and standby modes. All parameters are tested unless mentioned.
tnsl
Transition from normal mode to standby
mode (clock frequency is 128kHz ± 25%)
6
Clock
cycles
trec_deb
Receiver De-bounce time
0.6
1
µs
Cint
Internal capacitance of the LIN node
configured as a slave
250
pF
Table 8. Temperature Limiter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tsd
Shut down temperature
junction temperature
144
176
ºC
Tret
Return temperature
(see footnote 1)
(see footnote 2)
126
154
ºC
Totset
Over-temp warning flag set
The temperature beyond which the warning
flag is set.
126
154
ºC
Totclear
Over-temp warning flag clear
The return temperature when the warning
flag is cleared
108
132
ºC
Table 9. TX Timeout Watchdog
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tlin_wdog
Time out duration (dominant state)
0.5
1
2
s
Table 10. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vuvr_off
VCC under-voltage threshold off
Rising edge of VCC
2.55
2.95
V
Vuvr_on
VCC under voltage threshold on
Falling edge of VCC
2.3
2.7
V
Table 7. AC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vth_rec(max)
Vth_dom(max)
Vth_rec(min)
Vth_dom(min)
tbus_dom(max)
tbus_rec(min)
tbus_dom(min)
tbus_rec(max)
TXD
tbit
tbit
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com