Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOT Datasheet(PDF) 24 Page - ams AG

Part # AS8530-ASOT
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT Datasheet(HTML) 24 Page - ams AG

Back Button AS8530-ASOT Datasheet HTML 20Page - ams AG AS8530-ASOT Datasheet HTML 21Page - ams AG AS8530-ASOT Datasheet HTML 22Page - ams AG AS8530-ASOT Datasheet HTML 23Page - ams AG AS8530-ASOT Datasheet HTML 24Page - ams AG AS8530-ASOT Datasheet HTML 25Page - ams AG AS8530-ASOT Datasheet HTML 26Page - ams AG AS8530-ASOT Datasheet HTML 27Page - ams AG AS8530-ASOT Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
24 - 29
AS8530
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.8 Control and Diagnosis Registers
The serial interface can be used as interface between the ASSP AS8530 and an external micro-controller. The interface is a slave and only the
micro-controller can start the communication. This interface will be used for device configuration, entering into test mode and carrying out
diagnostic options. Refer to Table 17 for details on the configuration registers.
8.8.1 Definition of Control and Status Registers
A total of 32 control, diagnosis and test registers, each of 8-bit can be accessed using the 2-wire serial interface. Table 17 provides a description
of all control and status registers.
Table 17. Configuration Registers
Addr
Register
Name
POR Value
Bit
Type
Description
Control and Configuration Register
0 x 02
OTP Interface
Control
Register
On
POR_VCC
0000_0000
b[7:1]
R/W
Reserved
b[0]
OTP feature is only for factory use!
0
OTP interface is disabled.
1
OTP interface is enabled. When this bit is set, EN, TX, RX are used as
OTP interface pads. These pads can be used for OTP programming. OTP
interface is disabled on seeing high to low transition on RX (MODE).
0 x 03
Device
Configuration
Register
On
POR_VCC
0000_1011
b[7:4]
R/W
Reserved
b[3]
0
LIN Transceiver disabled
1
LIN Transceiver enabled
b[2]
0
Over-Temperature Monitor disabled
1
Over-Temperature Monitor enabled
b[1]
0
Low side Driver2 disabled
1
Low side Driver2 enabled
b[0]
0
Low side Driver1 disabled
1
Low side Driver1 enabled
0 x 04
Device
Control
Register
On
POR_VSUP
0000_0001
b[7:1]
R/W
Reserved
b[0]
Slew control
0
Low Slew Mode
1
High Slew mode
0 x 05
Temporary
Shutdown
Register
On
POR_VCC
0000_0000
b[7:1]
R/W
Reserved
b[0]
Temporary shutdown control bit
0
No Temporary shutdown
1
Enter into Temporary shutdown
0 x 06
Window
Watch Dog
Trigger
Register
On
POR_VCC
0000_0000
b[7:1]
W
Reserved
b[0]
Window Watch Dog Trigger. This bit will be set by MCU to indicate trigger event. If
this trigger occurs outside the Window of Watchdog counter, then RESET signal is
asserted. Also on this trigger WWD counter is restarted and this bit will be cleared
internally within 2 cycles of 128kHz clock.
0 x 07
Low Side
Driver Data
Register
On
POR_VCC
0000_0000
b[7:2]
R/W
Reserved
b[1]
This bit is Data input to Low Side Driver 2 gate input
b[0]
This bit is Data input to Low Side Driver 1 gate input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com