Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOT Datasheet(PDF) 6 Page - ams AG

Part # AS8530-ASOT
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT Datasheet(HTML) 6 Page - ams AG

Back Button AS8530-ASOT Datasheet HTML 2Page - ams AG AS8530-ASOT Datasheet HTML 3Page - ams AG AS8530-ASOT Datasheet HTML 4Page - ams AG AS8530-ASOT Datasheet HTML 5Page - ams AG AS8530-ASOT Datasheet HTML 6Page - ams AG AS8530-ASOT Datasheet HTML 7Page - ams AG AS8530-ASOT Datasheet HTML 8Page - ams AG AS8530-ASOT Datasheet HTML 9Page - ams AG AS8530-ASOT Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
6 - 29
AS8530
Preliminary Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
6.1 Detailed System and Block Specifications
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Operating Conditions
VSUP
Positive Supply Voltage
Normal operating condition
6
18
V
Jump-start/ over-voltage condition
27
V
Load dump condition
42
V
VSS
Negative Supply Voltage
0
V
TAMB
Ambient temperature
Max junction temperature (TJ) 150ºC
-40
+125
ºC
Isupp
Supply Current
65
mA
DC/AC Characteristics for Digital Inputs and Outputs
1
1. All pull-up, pull-downs are implemented with active devices. RESET, RX, SDO have been measured with 10pF load.
Enable Input
VIH
High level input voltage
0.8VCC
V
VIL
Low level input voltage
0.2VCC
V
ILEAK
Input leakage current
EN = L
-1
+1
µA
Ipd_en
Pull down current
EN = VCC = 5V
30
100
µA
TX Input
VIH
High level input voltage
0.8VCC
V
VIL
Low level input voltage
0.2VCC
V
ILEAK
Input leakage current
TX = VCC
-1
+1
µA
Ipu
Pull up current
RX, TX,CS pulled to VCC
-100
-30
µA
RESET
VOH
High level output voltage
VSUP
≥ 6V, I = 1 mA
VCC -
0.5
V
VOL
Low level output voltage
VSUP
≥ 6V, I = 1 mA
VSS
+ 0.4
V
RX
VOH
High level output voltage
VSUP
≥ 6V, I = 1 mA
VCC -
0.5
V
VOL
Low level output voltage
VSUP
≥ 6V, I = 1 mA
VSS +
0.4
V
Ipu_reset
Pull-up current
Pulled up to VCC
-100
-30
µA
Table 4. System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDDnom
Current consumption normal mode No load on VCC, LIN inactive, VSUP = 14V
250
µA
IDDstby
Current consumption standby
mode
@ 85ºC ambient (no load)
40
µA
@125ºC ambient (no load)
45
IDDsleep
Current consumption sleep mode
@ 85ºC ambient (no load)
30
µA
@ 125ºC ambient (no load)
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com