Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOT Datasheet(PDF) 17 Page - ams AG

Part # AS8530-ASOT
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT Datasheet(HTML) 17 Page - ams AG

Back Button AS8530-ASOT Datasheet HTML 13Page - ams AG AS8530-ASOT Datasheet HTML 14Page - ams AG AS8530-ASOT Datasheet HTML 15Page - ams AG AS8530-ASOT Datasheet HTML 16Page - ams AG AS8530-ASOT Datasheet HTML 17Page - ams AG AS8530-ASOT Datasheet HTML 18Page - ams AG AS8530-ASOT Datasheet HTML 19Page - ams AG AS8530-ASOT Datasheet HTML 20Page - ams AG AS8530-ASOT Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
17 - 29
AS8530
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8 Application Information
8.1 Initialization
When the power supply is switched on, if VSUP > VSUVR_OFF, RESET_VSUP_N becomes inactive (high). After this, the voltage regulator
starts with a default LDO output setting of 3.3V and Vuvr_off setting of 2.75V. If VCC > Vuvr_off (2.75V), active-low PORN_2_OTP is generated.
The rising edge of PORN_2_OTP loads contents of fuse onto the OTP latch after load access time TLoad. LOAD_OTP_IN_PREREG signal loads
contents of OTP latch onto the pre-regulator domain register. This register gives actual settings of LDO, Vuvr_off and Reset Timeout period TRes.
This is done because the OTP block is powered by the VCC. If VCC > Vuvr_off (phase 2), Reset timeout is restarted. RESET signal is de-
asserted after Reset Timeout period TRes (phase 2) and then device enters into normal mode. The circuit also needs to initialize correctly for very
slow ramp rates on VSUP (of the order of 0.5V/min).
Figure 7. Initialization Sequence for AS8530
Table 13. VSUP>Vsuvr_on and
VCC<Vuvr_on
Block
Output Signal
TRANSCEIVER = Enabled (disabled only during initial VSUP ramp-up)
LIN = high-z, RX = follows V
LDO = Enabled (disabled only during initial ramp-up)
VCC = low
RELAY DRIVER = Enabled
LDRIVE1 = high, LDRIVE2 = high
RESET = Enabled
RESET = high-z
RESISTIVE DIVIDER = Enabled
VBAT= high, VBAT_DIV = enabled
Table 14. VSUP<Vsuvr_on
Block
Output Signal
TRANSCEIVER = Disabled
LIN = high-z, RX = high-z
LDO = Disabled
VCC = low
RELAY DRIVER = Disabled
LDRIVE1 = high, LDRIVE2 = high
LDO Off
LDO On
VCC Por Threshold = 2.75V
LDO setting = 3.3V
Reset Timeout = 4msec
LDO On
VCC Por Threshold = from OTP Block
LDO setting = from OTP Block
Reset Timeout = from OTP Block
VCC
VSUP
Device
Settings
RESET_VCC_N
RESET_VSUP_N
PORN_2_OTP
LOAD_OTP_IN_P
REREG
RESET
VCC_POR_Threshold = 2.75V
VSUP_POR_Threshold = 3.1V
6 Cycles of
RC-Oscillator
PHASE 1
PHASE 2
If Phase 1 POR threshold == Phase 2 POR threshold
Tres = Reset Timeout from OTP Block
If Phase 1 POR threshold != Phase 2 POR threshold
Tres = Reset Timeout from OTP Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com