Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOT Datasheet(PDF) 4 Page - ams AG

Part # AS8530-ASOT
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT Datasheet(HTML) 4 Page - ams AG

  AS8530-ASOT Datasheet HTML 1Page - ams AG AS8530-ASOT Datasheet HTML 2Page - ams AG AS8530-ASOT Datasheet HTML 3Page - ams AG AS8530-ASOT Datasheet HTML 4Page - ams AG AS8530-ASOT Datasheet HTML 5Page - ams AG AS8530-ASOT Datasheet HTML 6Page - ams AG AS8530-ASOT Datasheet HTML 7Page - ams AG AS8530-ASOT Datasheet HTML 8Page - ams AG AS8530-ASOT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
4 - 29
AS8530
Preliminary Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
EN
1
Enable pin with pull down. Serial clock in serial port mode, high-voltage compatible.
VSUP
2
Positive power supply
LIN
3
LIN bus
VSS
4
Ground
RX
5
LIN transceiver receive signal
TX
6
LIN transceiver transmit signal
RESET
7
Digital output referenced to VCC, active low
VCC
8
Regulated 5V/3.3V supply for loads up to 50mA. Factory programmable.
8
7
6
5
1
2
3
4
EN
AS8530
VSUP
LIN
VSS
VCC
RESET
TX
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com