Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM40V Datasheet(PDF) 31 Page - Transcend Information. Inc.

Part # TS2GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V Datasheet(HTML) 31 Page - Transcend Information. Inc.

Back Button TS2GDOM40V Datasheet HTML 27Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 28Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 29Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 30Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 31Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 32Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 33Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 34Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 35Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
31
Ultra DMA Mode Read/Write Timing Specification
Ultra DMA is an optional data transfer protocol used with the READ DMA, and WRITE DMA,
commands. When this protocol is enabled, the Ultra DMA protocol shall be used instead of the Multiword
DMA protocol when these commands are issued by the host. This protocol applies to the Ultra DMA data
burst only. When this protocol is used there are no changes to other elements of the ATA protocol.
UDMA Signal
Type
TRUE IDE MODE
UDMA
DMARQ
Output
DMARQ
DMACK
Input
-DMACK
STOP
Input
STOP
1
HDMARDY(R)
HSTROBE(W)
Input
-HDMARDY
1,2
HSTROBE(W)
1,3,4
DDMARDY(W)
DSTROBE(R)
Output
-DDMARDY(W)
1,3
DSTROBE(R)
1,2,4
DATA
Bidir
D[15:00]
ADDRESS
Input
A[02:00]
5
CSEL
input
-CSEL
INTRQ
Output
INTRQ
Card Select
Input
-CS0
-CS1
Notes: 1) The UDMA interpretation of this signal is valid only during an Ultra DMA data burst.
2) The UDMA interpretation of this signal is valid only during and Ultra DMA data burst during a DMA Read command.
3) The UDMA interpretation of this signal is valid only during an Ultra DMA data burst during a DMA Write command.
4) The HSTROBE and DSTROBE signals are active on both the rising and the falling edge.
5) Address lines 03 through 10 are not used in True IDE mode.
Several signal lines are redefined to provide different functions during an Ultra DMA data burst.
These lines assume their UDMA definitions when:
1. an Ultra DMA mode is selected, and
2. a host issues a READ DMA, or a WRITE DMA command requiring data transfer, and
3. the device asserts (-)DMARQ, and
4. the host asserts (-)DMACK.
These signal lines revert back to the definitions used for non-Ultra DMA transfers upon the negation
of -DMACK by the host at the termination of an Ultra DMA data burst.
With the Ultra DMA protocol, the STROBE signal that latches data from D[15:00] is generated by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com