Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM40V Datasheet(PDF) 45 Page - Transcend Information. Inc.

Part # TS2GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V Datasheet(HTML) 45 Page - Transcend Information. Inc.

Back Button TS2GDOM40V Datasheet HTML 41Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 42Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 43Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 44Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 45Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 46Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 47Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 48Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 49Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
45
Sustaining an Ultra DMA Data-Out Burst
An Ultra DMA Data-Out burst is sustained by following the steps lettered below. The timing diagram
is shown in below: Sustained Ultra DMA Data-Out Burst Timing. The associated timing parameters are
specified in Page 12: Ultra DMA Data Burst Timing Requirements and are described in Page 13: Ultra
DMA Data Burst Timing Descriptions.
The following steps shall occur in the order they are listed unless otherwise specifically allowed:
(a) The host shall drive a data word onto D[15:00].
(b) The host shall generate an HSTROBE edge to latch the new word no sooner than tDVS after changing
the state of D[15:00]. The host shall generate an HSTROBE edge no more frequently than tCYC for the
selected Ultra DMA mode. The host shall not generate two rising or falling HSTROBE edges more
frequently than 2tcyc for the selected Ultra DMA mode.
(c) The host shall not change the state of D[15:00] until at least tDVH after generating an HSTROBE edge
to latch the data.
(d) The host shall repeat steps (a), (b), and (c) until the data transfer is complete or an Ultra DMA data
burst is paused, whichever occurs first.
Note: Data (D[15:00]) and HSTROBE signals are shown at both the device and the host to emphasize that cable
settling time as well as cable propagation delay shall not allow the data signals to be considered stable at
the device until some time after they are driven by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com