Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM40V Datasheet(PDF) 38 Page - Transcend Information. Inc.

Part # TS2GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V Datasheet(HTML) 38 Page - Transcend Information. Inc.

Back Button TS2GDOM40V Datasheet HTML 34Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 35Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 36Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 37Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 38Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 39Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 40Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 41Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 42Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
38
Sustaining an Ultra DMA Data-In Burst
An Ultra DMA Data-In burst is sustained by following the steps lettered below. The timing diagram
is shown in below: Sustained Ultra DMA Data-In Burst Timing. The timing parameters are specified in
Page 12: Ultra DMA Data Burst Timing Requirements and are described in Page 13: Ultra DMA Data
Burst Timing Descriptions.
The following steps shall occur in the order they are listed unless otherwise specifically allowed:
a) The device shall drive a data word onto D[15:00].
b) The device shall generate a DSTROBE edge to latch the new word no sooner than tDVS after changing
the state of D[15:00]. The device shall generate a DSTROBE edge no more frequently than tCYC for the
selected Ultra DMA mode. The device shall not generate two rising or two falling DSTROBE edges
more frequently than 2tcyc for the selected Ultra DMA mode.
c) The device shall not change the state of D[15:00] until at least tDVH after generating a DSTROBE edge
to latch the data.
d) The device shall repeat steps (a), (b), and (c) until the data transfer is complete or an Ultra DMA data
burst is paused, whichever occurs first.
Notes: D[15:00] and DSTROBE signals are shown at both the host and the device to emphasize that cable settling
time as well as cable propagation delay shall not allow the data signals to be considered stable at the host
until some time after they are driven by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com