Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM40V Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS2GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V Datasheet(HTML) 7 Page - Transcend Information. Inc.

Back Button TS2GDOM40V Datasheet HTML 3Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 4Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 5Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 6Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 7Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 8Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 9Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 10Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
7
True IDE Mode Access Write AC Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Data setup before IOWR
tsu(IOWR)
20
-
-
ns
Data hold following IOWR
th(IOWR)
10
-
-
ns
IOWR width time
tw(IOWR)
50
-
-
ns
Address setup before IOWR
tsuA(IOWR)
15
-
-
ns
Address hold following IOWR
thA(IOWR)
10
-
-
ns
CE setup before IOWR
tsuCE(IOWR)
5
-
-
ns
CE hold following IOWR
thCE(IOWR)
10
-
-
ns
IOIS16 delay falling from address
tdfIOIS16(ADR)
-
-
35
ns
IOIS16 delay rising from address
tsfIOIS16(ADR)
-
-
35
ns
True IDE Mode Access Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com