Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM40V Datasheet(PDF) 33 Page - Transcend Information. Inc.

Part # TS2GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V Datasheet(HTML) 33 Page - Transcend Information. Inc.

Back Button TS2GDOM40V Datasheet HTML 29Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 30Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 31Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 32Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 33Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 34Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 35Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 36Page - Transcend Information. Inc. TS2GDOM40V Datasheet HTML 37Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
33
Ultra DMA Data Burst Timing Requirements
UDMA Mode 0
UDMA Mode 1 UDMA Mode 2
UDMA Mode 3
UDMA Mode 4
Name
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Measure location
(See Note 2)
t2CYCTYP
240
160
120
90
60
Sender
tCYC
112
73
54
39
25
Note 3
t2CYC
230
153
115
86
57
Sender
tDS
15.0
10.0
7.0
7.0
5.0
Recipient
tDH
5.0
5.0
5.0
5.0
5.0
Recipient
tDVS
70.0
48.0
31.0
20.0
6.7
Sender
tDVH
6.2
6.2
6.2
6.2
6.2
Sender
tCS
15.0
10.0
7.0
7.0
5.0
Device
tCH
5.0
5.0
5.0
5.0
5.0
Device
tCVS
70.0
48.0
31.0
20.0
6.7
Host
tCVH
6.2
6.2
6.2
6.2
6.2
Host
tZFS
0
0
0
0
0
Device
tDZFS
70.0
48.0
31.0
20.0
6.7
Sender
tFS
230
200
170
130
120
Device
tLI
0
150
0
150
0
150
0
100
0
100
Note 4
tMLI
20
20
20
20
20
Host
tUI
0
0
0
0
0
Host
tAZ
10
10
10
10
10
Note 5
tZAH
20
20
20
20
20
Host
tZAD
0
0
0
0
0
Device
tENV
20
70
20
70
20
70
20
55
20
55
Host
tRFS
75
70
60
60
60
Sender
tRP
160
125
100
100
100
Recipient
tIORDYZ
20
20
20
20
20
Device
tZIORDY
0
0
0
0
0
Device
tACK
20
20
20
20
20
Host
tSS
50
50
50
50
50
Sender
Notes: All Timings in ns
(1) All timing measurement switching points (low to high and high to low) shall be taken at 1.5 V.
(2) All signal transitions for a timing parameter shall be measured at the connector specified in the measurement
location column. For example, in the case of tRFS, both STROBE and -DMARDY transitions are measured at the
sender connector.
(3) The parameter tCYC shall be measured at the recipient’s connector farthest from the sender.
(4) The parameter tLI shall be measured at the connector of the sender or recipient that is responding to an
incoming transition from the recipient or sender respectively. Both the incoming signal and the outgoing
response shall be measured at the same connector.
(5) The parameter tAZ shall be measured at the connector of the sender or recipient that is driving the bus but must
release the bus to allow for a bus turnaround.
(6) See Page 14 the AC Timing requirements in Ultra DMA AC Signal Requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com