Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8GDOM40V Datasheet(PDF) 29 Page - Transcend Information. Inc.

Part # TS8GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GDOM40V Datasheet(HTML) 29 Page - Transcend Information. Inc.

Back Button TS8GDOM40V Datasheet HTML 25Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 26Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 27Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 28Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 29Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 30Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 31Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 32Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 33Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
29
True IDE Multiword DMA Mode Read/Write Timing Specification
Item
Mode 0
(ns)
Mode 1
(ns)
Mode 2
(ns)
Mode 3
(ns)
Mode 4
(ns)
t0
Cycle time (min)
1
480
150
120
100
80
tD
-IORD / -IOWR asserted width(min)
1
215
80
70
65
55
tE
-IORD data access (max)
150
60
50
50
45
tF
-IORD data hold (min)
5
5
5
5
5
tG -IORD/-IOWR data setup (min)
100
30
20
15
10
tH -IOWR data hold (min)
20
15
10
5
5
tI
DMACK to –IORD/-IOWR setup (min)
0
0
0
0
0
tJ
-IORD / -IOWR to -DMACK hold (min)
20
5
5
5
5
tKR -IORD negated width (min) 1
50
50
25
25
20
tKW -IOWR negated width (min) 1
215
50
25
25
20
tLR -IORD to DMARQ delay (max)
120
40
35
35
35
tLW -IOWR to DMARQ delay (max)
40
40
35
35
35
tM CS(1:0) valid to –IORD / -IOWR
50
30
25
10
5
tN
CS(1:0) hold
15
10
10
10
10
tZ
-DMACK
20
25
25
25
25
Notes:
(1) t0 is the minimum total cycle time and tD is the minimum command active time, while tKR and tKW are the
minimum command recovery time or command inactive time for input and output cycles respectively. The
actual cycle time equals the sum of the actual command active time and the actual command inactive time.
The three timing requirements of t0, tD, tKR, and tKW shall be met. The minimum total cycle time requirement
is greater than the sum of tD and tKR or tKW.for input and output cycles respectively. This means a host
implementation can lengthen either or both of tD and either of tKR, and tKW as needed to ensure that t0 is
equal to or greater than the value reported in the device’s identify device data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com