Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8GDOM40V Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS8GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GDOM40V Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS8GDOM40V Datasheet HTML 1Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 2Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 3Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 4Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 5Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 6Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 7Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 8Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
2
Pin Assignments
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
01 -RESET 11
HD3
21 DMARQ 31
IREQ
02
GND
12
HD12
22
GND
32
IOIS16B
03
HD7
13
HD2
23
IOWB
33
HA1
04
HD8
14
HD13
24
GND
34
PDIAGB
05
HD6
15
HD1
25
IORB
35
HA0
06
HD9
16
HD14
26
GND
36
HA2
07
HD5
17
HD0
27
IORDY
37
CE1B
08
HD10
18
HD15
28
NC
38
CE2B
09
HD4
19
GND
29 -DMACK 39
DASPB
10
HD11
20
VCC
30
GND
40
GND
Pin Definition
Symbol
Function
HD0 ~ HD15
Data Bus (Bi-directional)
HA0 ~ HA2
Address Bus (Input)
-RESET
Device Reset (Input)
IORB
Device I/O Read (Input)
IOWB
Device I/O Write (Input)
IOIS16B
Transfer Type 8/16 bit (Output)
CE1B, CE2B
Chip Select (Input)
PDIAGB
Pass Diagnostic (Bi-directional)
DASPB
Disk Active/Slave Present
(Bi-directional)
DMARQ
DMA request
-DMACK
DMA acknowledge
IORDY
I/O channel ready
IREQ
Interrupt Request (Output)
NC
No Connection
GND
Ground
VCC
Vcc Power Input
Input Power
The 40-Pin IDE Flash Module offers 2 ways to get
input power, either via the small power cord or
through Pin 20 of the IDE connector. If Pin 20 of the
IDE connector is defined as NC (No Connect), then
the 40-Pin IDE Flash Module must be directly
connected to your system’s power supply. If Pin 20 of
the IDE connector is defined as VCC, then the 40-Pin
IDE Flash Module can get necessary power without
use of the power cord.
Pin Layout
Pin1
Pin39
Bulge
Pin2
Pin40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com