Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8GDOM40V Datasheet(PDF) 36 Page - Transcend Information. Inc.

Part # TS8GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GDOM40V Datasheet(HTML) 36 Page - Transcend Information. Inc.

Back Button TS8GDOM40V Datasheet HTML 32Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 33Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 34Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 35Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 36Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 37Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 38Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 39Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 40Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
36
Initiating an Ultra DMA Data-In Burst
(a) An Ultra DMA Data-In burst is initiated by following the steps lettered below. The timing diagram is
shown in below: Ultra DMA Data-In Burst Initiation Timing. The associated timing parameters are
specified in Page 12: Ultra DMA Data Burst Timing Requirements and are described in Page 13: Ultra
DMA Data Burst Timing Descriptions.
(b) The following steps shall occur in the order they are listed unless otherwise specifically allowed:
(c) The host shall keep -DMACK in the negated state before an Ultra DMA data burst is initiated.
(d) The device shall assert DMARQ to initiate an Ultra DMA data burst. After assertion of DMARQ the
device shall not negate DMARQ until after the first negation of DSTROBE.
(e) Steps (c), (d), and (e) may occur in any order or at the same time. The host shall assert STOP.
(f) The host shall negate -HDMARDY.
(g) In True IDE mode, the host shall not assert -CS0, -CS1 and A[02:00].
(h) Steps (c), (d), and (e) shall have occurred at least tACK before the host asserts -DMACK. The host
shall keep -DMACK asserted until the end of an Ultra DMA data burst.
(i) The host shall release D[15:00] within tAZ after asserting -DMACK.
(j) The device may assert DSTROBE tZIORDY after the host has asserted -DMACK. While operating in
True IDE mode, once the device has driven DSTROBE, the device shall not release DSTROBE until
after the host has negated -DMACK at the end of an Ultra DMA data burst.
(k) The host shall negate STOP and assert -HDMARDY within tENV after asserting -DMACK. After
negating STOP and asserting -HDMARDY, the host shall not change the state of either signal until
after receiving the first transition of DSTROBE from the device (i.e., after the first data word has been
received).
(l) The device shall drive D[15:00] no sooner than tZAD after the host has asserted -DMACK, negated
STOP, and asserted -HDMARDY.
(m) The device shall drive the first word of the data transfer onto D[15:00]. This step may occur when the
device first drives D[15:00] in step (j).
(n) To transfer the first word of data the device shall negate DSTROBE within tFS after the host has
negated STOP and asserted -HDMARDY. The device shall negate DSTROBE no sooner than tDVS
after driving the first word of data onto D[15:00].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com