Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8GDOM40V Datasheet(PDF) 35 Page - Transcend Information. Inc.

Part # TS8GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GDOM40V Datasheet(HTML) 35 Page - Transcend Information. Inc.

Back Button TS8GDOM40V Datasheet HTML 31Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 32Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 33Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 34Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 35Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 36Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 37Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 38Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 39Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
35
Ultra DMA Sender and Recipient IC Timing Requirements
UDMA Mode 0 (ns) UDMA Mode 1 (ns) UDMA Mode 2 (ns) UDMA Mode 3 (ns) UDMA Mode 4 (ns)
Name
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tDSIC
14.7
9.7
6.8
6.8
4.8
tDHIC
4.8
4.8
4.8
4.8
4.8
tDVSIC
72.9
50.9
33.9
22.6
9.5
tDVHIC
9.0
9.0
9.0
9.0
9.0
tDSIC
Recipient IC data setup time (from data valid until STROBE edge) (see note 2)
tDHIC
Recipient IC data hold time (from STROBE edge until data may become invalid) (see note 2)
tDVSIC
Sender IC data valid setup time (from data valid until STROBE edge) (see note 3)
tDVHIC
Sender IC data valid hold time (from STROBE edge until data may become invalid) (see note 3)
Notes:
(1) All timing measurement switching points(low to high and high to low) shall be taken at 1.5 V.
(2) The correct data value shall be captured by the recipient given input data with a slew rate of 0.4 V/ns rising and
falling and the input STROBE with a slew rate of 0.4 V/ns rising and falling at tDSIC and tDHIC timing (as measured
through 1.5 V).
(3) The parameters tDVSIC and tDVHIC shall be met for lumped capacitive loads of 15 and 40 pF at the IC where all
signals have the same capacitive load value. Noise that may couple onto the output signals from external
sources has not been included in these values.
Ultra DMA AC Signal Requirements
Name
Comment
Min[V/ns]
Max [V/ns]
Note
SRISE
Rising Edge Slew Rate for any signal
1.25
1
SFALL
Falling Edge Slew Rate for any signal
1.25
1
Note:
(1) The sender shall be tested while driving an 18 inch long, 80 conductor cable with PVC insulation material. The
signal under test shall be cut at a test point so that it has not trace, cable or recipient loading after the test point.
All other signals should remain connected through to the recipient. The test point may be located at any point
between the sender’s series termination resistor and one half inch or less of conductor exiting the connector.
If the test point is on a cable conductor rather than the PCB, an adjacent ground conductor shall also be cut
within one half inch of the connector.
The test load and test points should then be soldered directly to the exposed source side connectors. The test
loads consist of a 15 pF or a 40 pF, 5%, 0.08 inch by 0.05 inch surface mount or smaller size capacitor from the
test point to ground. Slew rates shall be met for both capacitor values.
Measurements shall be taken at the test point using a <1 pF, >100 Kohm, 1 Ghz or faster probe and a 500
MHz or faster oscilloscope. The average rate shall be measured from 20% to 80% of the settled VOH level with
data transitions at least 120 nsec apart. The settled VOH level shall be measured as the average output high
level under the defined testing conditions from 100 nsec after 80% of a rising edge until 20% of the subsequent
falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com