Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8GDOM40V Datasheet(PDF) 43 Page - Transcend Information. Inc.

Part # TS8GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GDOM40V Datasheet(HTML) 43 Page - Transcend Information. Inc.

Back Button TS8GDOM40V Datasheet HTML 39Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 40Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 41Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 42Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 43Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 44Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 45Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 46Page - Transcend Information. Inc. TS8GDOM40V Datasheet HTML 47Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
43
Initiating an Ultra DMA Data-Out Burst
An Ultra DMA Data-out burst is initiated by following the steps lettered below. The timing diagram is
shown in below: Ultra DMA Data-Out Burst Initiation Timing. The timing parameters are specified in Page
12: Ultra DMA Data Burst Timing Requirements and are described in Page 13:Ultra DMA Data Burst
Timing Descriptions.
The following steps shall occur in the order they are listed unless otherwise specifically allowed:
(a) The host shall keep -DMACK in the negated state before an Ultra DMA data burst is initiated.
(b) The device shall assert DMARQ to initiate an Ultra DMA data burst.
(c) Steps (c), (d), and (e) may occur in any order or at the same time. The host shall assert STOP.
(d) The host shall assert HSTROBE.
(e) In True IDE mode, the host shall not assert -CS0, -CS1, nor A[02:00].
(f) Steps (c), (d), and (e) shall have occurred at least tACK before the host asserts -DMACK.The host shall
keep -DMACK asserted until the end of an Ultra DMA data burst.
(g) The device may negate -DDMARDY tZIORDY after the host has asserted -DMACK. While operating in
True IDE mode, once the device has negated -DDMARDY, the device shall not release -DDMARDY
until after the host has negated DMACK at the end of an Ultra DMA data burst.
(h) The host shall negate STOP within tENV after asserting -DMACK. The host shall not assert STOP until
after the first negation of HSTROBE.
(i) The device shall assert -DDMARDY within tLI after the host has negated STOP. After asserting
DMARQ and -DDMARDY the device shall not negate either signal until after the first negation of
HSTROBE by the host.
(j) The host shall drive the first word of the data transfer onto D[15:00]. This step may occur any time
during Ultra DMA data burst initiation.
(k) To transfer the first word of data: the host shall negate HSTROBE no sooner than tUI after the device
has asserted -DDMARDY. The host shall negate HSTROBE no sooner than tDVS after the driving the
first word of data onto D[15:00].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com