Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512MSDOM22V Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS512MSDOM22V
Description  22P Vertical Type SATA Flash Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDOM22V Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS512MSDOM22V Datasheet HTML 1Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 2Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
3
* Note : 25
℃, according to 7+15 pins combo connector test on GA-8IG1000MK, 256 MB RAM, IDE interface support
UDMA4, Windows
® XP Version 2002 SP2, benchmark utility HDBENCH (version 3.4006), copied file 100MB
Actual Capacity
Model P/N
Capacity
C/H/S
Capacity
User capacity (Bytes)
TS512MSDOM22V
512MB
971 / 16 / 63
477MB
500,432,896
TS1GSDOM22V
1GB
1966 / 16 / 63
967MB
1,014,333,440
TS2GSDOM22V
2GB
3900 / 16 / 63
1.87GB
2,008,801,280
TS4GSDOM22V
4GB
7785 / 16 / 63
3.73GB
4,009,922,560
TS8GSDOM22V
8GB
15538 / 16 / 63
7.46GB
8,016,560,128
* Note: FAT format for <4GB, FAT32 format for 4~8GB
Reliability
Data Reliability
13bit BCH ECC(2k+64 / 4k+128 byte per page flash)
24bit BCH ECC(4k+208 byte per page flash)
Data Retention
10 years
Connector Durability
500 times
Performance
Model P/N
Read (KB/s)
Write (KB/s)
Random Read (KB/s)
Random Write (KB/s)
1GB SATA Flash Module
29248
14002
28116
5209
2GB SATA Flash Module
45249
20317
40748
7064
4GB SATA Flash Module
48165
22750
44579
6592
Regulations
Compliance
CE, FCC and BSMI (T.B.D.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com