Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512MSDOM22V Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS512MSDOM22V
Description  22P Vertical Type SATA Flash Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDOM22V Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS512MSDOM22V Datasheet HTML 1Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 2Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
2
Specifications
Specifications
Specifications
Specifications
Physical Specification
Form Factor
SATA Flash Modules Vertical Type
Storage Capacities
128M~8GB
Length
45.80 ± 0.40
Width
33.00 ± 0.50
Dimensions (mm)
Height
7.08 ± 0.20
Input Voltage
5V ± 10% / 3.3V ± 5%
Weight
8 g
Connector
SATA 7+15 pins combo connector
Environmental Specifications
Operating Temperature
0
℃ to 70 ℃
Storage Temperature
- 40
℃ to 85 ℃
Power Requirements
Input Voltage
5V ± 10%
Mode
MAX (mA)
Write
207.3
Read
212.2
4GB SATA Flash Modules
Power Consumption
(DC 5V @25
℃)
Standby
111.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com