Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512MSDOM22V Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS512MSDOM22V
Description  22P Vertical Type SATA Flash Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDOM22V Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS512MSDOM22V Datasheet HTML 1Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 2Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
1
Description
Description
Description
Description
Serial-ATA is designed as a successor to the legacy
SATA standard. The new standard is dedicated to
achieve higher transfer rate with thinner cables and
more reliable operation than Parallel ATA interface.
With a 7P Signal + 15P Power SATA interface, high
speed and low power consumption, SATA Flash
Modules is perfect replacement storage device for
PCs, Laptops, gaming systems, and handheld
devices.
Placement
Placement
Placement
Placement
Features
Features
Features
Features
•
RoHS compliant
•
Fully compatible with devices and OS that support the
SATA 1.0a 1.5Gbps standard
•
Non-volatile Flash Memory for outstanding data
retention
•
Supports up to Ultra DMA Mode 4
•
Built-in ECC (Error Correction Code) functionality and
wear-leveling algorithm ensures highly reliable of data
transfer
•
7P Signal + 15P Power male SATA connector
•
Lower Power Consumption
•
Shock resistance
Dimensions
Dimensions
Dimensions
Dimensions
Side
Millimeters
Inches
A
45.80 ± 0.40
1.803 ± 0.016
B
33.00 ± 0.50
1.299 ± 0.020
C
7.08 ± 0.20
0.279 ± 0.008


Similar Part No. - TS512MSDOM22V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS512MSDOM7H TRANSCEND-TS512MSDOM7H Datasheet
1Mb / 14P
7P Horizontal Type SATA Flash Modules
More results

Similar Description - TS512MSDOM22V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDO22H TRANSCEND-TS4GSDO22H Datasheet
1Mb / 11P
22P Horizontal Type SATA Flash Modules
TS128MSDOM7H TRANSCEND-TS128MSDOM7H Datasheet
1Mb / 14P
7P Horizontal Type SATA Flash Modules
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
Flash SATA Disk /mSATA SATA 3 SLC,MLC
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
logo
Assmann Electronics Inc...
AK-400203-005-R ASSMANN-AK-400203-005-R Datasheet
221Kb / 2P
SATA Slot Bracket cable, L-type
logo
Adam Technologies, Inc.
SATA-N-PM-VT-SMT-02 ADAM-TECH-SATA-N-PM-VT-SMT-02 Datasheet
101Kb / 1P
SATA DIP SINGLE ROW TYPE FEMALE
logo
Axiomtek Co., Ltd.
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
Flash SATA Disk /SATAIII SLC, MLC
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
SATA II to Flash Controller
JMF608 JMICRON-JMF608 Datasheet
71Kb / 4P
SATA III NAND Flash Controller
logo
TE Connectivity Ltd
C-1735284 TEC-C-1735284 Datasheet
801Kb / 5P
SATA BACKPLANE RECEPTACLE, VERTICAL, SMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com