Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512MSDOM22V Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS512MSDOM22V
Description  22P Vertical Type SATA Flash Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDOM22V Datasheet(HTML) 7 Page - Transcend Information. Inc.

Back Button TS512MSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 10Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
7
Command Set
Command Set
Command Set
Command Set
Command
Code
FR
SC
SN
CY
DH
LBA
Status
Note
1
Check Power Mode
E5 or 98h
–
–
–
–
Y
–
Support
2
Execute Drive Diagnostic
90h
–
–
–
–
Y
–
Support
3
Erase Sector
C0h
–
Y
Y
Y
Y
Y
Support
4
Flush Cache
E7h
–
–
–
–
Y
–
Support
5
Format Track
50h
–
Y
–
Y
Y
Y
Support
6
Identify Device
ECh
–
–
–
–
Y
–
Support
7
Idle
E3h or 97h
–
Y
–
–
Y
–
Support
8
Idle Immediate
E1h or 95h
–
–
–
–
Y
–
Support
9
Initialize Drive Parameters
91h
–
Y
–
–
Y
–
Support
10
NOP
00h
–
–
–
–
Y
–
Support
11
Read Buffer
E4h
–
–
–
–
Y
–
Support
12
Read DMA
C8h
–
Y
Y
Y
Y
Y
Support
13
Read Multiple
C4h
–
Y
Y
Y
Y
Y
Support
14
Read Sector(s)
20h or 21h
–
Y
Y
Y
Y
Y
Support
15
Read Verify Sector(s)
40h or 41h
–
Y
Y
Y
Y
Y
Support
16
Recalibrate
1Xh
–
–
–
–
Y
–
Support
17
Request Sense
03h
–
–
–
–
Y
–
Support
18
Security Disable Password
F6h
–
–
–
–
Y
–
Support
19
Security Erase Prepare
F3h
–
–
–
–
Y
–
Support
20
Security Erase Unit
F4h
–
–
–
–
Y
–
Support
21
Security Freeze Lock
F5h
–
–
–
–
Y
–
Support
22
Security Set Password
F1h
–
–
–
–
Y
–
Support
23
Security Unlock
F2h
–
–
–
–
Y
–
Support
24
Seek
7Xh
–
–
Y
Y
Y
Y
Support
25
Set Feature
EFh
Y
–
–
–
Y
–
Support
26
Set Multiple Mode
C6h
–
Y
–
–
Y
–
Support
27
Set Sleep Mode
E6h or 99h
–
–
–
–
Y
–
Support
28
Standby
E2 or 96h
–
–
–
–
Y
–
Support
29
Standby Immediate
E0 or 94h
–
–
–
–
Y
–
Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com