Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512MSDOM22V Datasheet(PDF) 5 Page - Transcend Information. Inc.

Part # TS512MSDOM22V
Description  22P Vertical Type SATA Flash Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDOM22V Datasheet(HTML) 5 Page - Transcend Information. Inc.

  TS512MSDOM22V Datasheet HTML 1Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 2Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS512MSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
5
Pin Assignments
Pin No.
Pin Name
Pin No.
Pin Name
01
GND
02
A+
03
A-
04
GND
05
B-
06
B+
07
GND
08
NC
09
NC
10
NC
11
GND
12
GND
13
GND
14
5V
15
5V
16
5V
17
GND
18
GND
19
GND
20
NC
21
NC
22
NC
Pin
Pin
Pin
Pin Layout
Layout
Layout
Layout
Pin out
01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com