Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3034CS Datasheet(PDF) 7 Page - UNISEM

Part # US3034CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3034CS Datasheet(HTML) 7 Page - UNISEM

  US3034CS Datasheet HTML 1Page - UNISEM US3034CS Datasheet HTML 2Page - UNISEM US3034CS Datasheet HTML 3Page - UNISEM US3034CS Datasheet HTML 4Page - UNISEM US3034CS Datasheet HTML 5Page - UNISEM US3034CS Datasheet HTML 6Page - UNISEM US3034CS Datasheet HTML 7Page - UNISEM US3034CS Datasheet HTML 8Page - UNISEM US3034CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
US3034
4-7
Rev. 1.8
1/13/99
Figure 5- The circuit in figure 5 is designed to provide lossles output short detection by detecting the dc voltage across the inductor
and shutting down the MOSFET and entering HICCUP mode. Note that the current limit point is a function of the inductor resistance
and in this application with approximately 8 mil ohm resistance the peak C.L is set at 10A. See application note on how to set the
current limiting threshold.
TYPICAL APPLICATION
TYPICAL APPLICATION
5V to 3.3V with lossles short cicuit protection(output UVLO detection).
Ref Desig
Description
Qty
Part #
Manufacturer
U1
Switcher IC
1
US3034CS ( 8 pin SOIC)
Unisem
Q2
MOSFET
1
IRL3303 (TO263)
International
Rectifier
D1
Schottky Diode
1
PBYR735(Axial Thr Hole pkg)
PBYR1035B(SMT, TO263 pkg)
Motorola
L2
Inductor
1
Core:T50-18,L=4 uH
Micro Metal
Turns: 7T, 18 AWG
(core)
L1
Inductor
1
L=1 uH
R1,2
Resistor
2
10 ohm,5%, SMT
R3
Resistor
1
182 kohm,1%, SMT
R4
Resistor
1
1 kohm,1%, SMT
R5
Resistor
1
576ohm,1%, SMT
R7
Resistor
1
3.83 kohm,1%, SMT
R6
Resistor
1
1 kohm,1% , SMT
C1
Capacitor
1
470uF, Elect
C2
Capacitor
1
6MV1000GX, 1000uF,6.3V, Elect
Sanyo
C3
Capacitor
1
1 uF,Ceramic, SMT
C5
Capacitor
1
10 pF,Ceramic, SMT
Sanyo
C6
Capacitor
1
0.1 uF
C7
Capacitor
2
6MV1000GX, 1000uF,6.3V, Elect
Sanyo
C8
Capacitor
1
0.047 uF
3034app5-1.1
Vout
5V
C1
L1
C3
Q2
C2
L2
R4
C7
D1
R2
C4
R5
R1
12V
R3
C5
C8
1
2
3
4
5
6
7
8
Drv V12 Vfb Vhyst
Gnd
CS-
CS+
SS
US3034
R6
C6
R7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com