Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3034CS Datasheet(PDF) 1 Page - UNISEM

Part # US3034CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3034CS Datasheet(HTML) 1 Page - UNISEM

  US3034CS Datasheet HTML 1Page - UNISEM US3034CS Datasheet HTML 2Page - UNISEM US3034CS Datasheet HTML 3Page - UNISEM US3034CS Datasheet HTML 4Page - UNISEM US3034CS Datasheet HTML 5Page - UNISEM US3034CS Datasheet HTML 6Page - UNISEM US3034CS Datasheet HTML 7Page - UNISEM US3034CS Datasheet HTML 8Page - UNISEM US3034CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
US3034
4-1
Rev. 1.8
1/13/99
8 PIN PWM SWITCHER
CONTROLLER IC
TYPICAL APPLICATION
TYPICAL APPLICATION
Typical application of US3034
TA (°C)
8 PIN PLASTIC
SOIC (S)
0 TO 70
US3034CS
Notes: P55C,Pentium II are trade marks of Intel Corp. K5 & K6 are trade marks of AMD corp. Cyrix 6X86L,M1,M2 are trade marks of
Cyrix Corp. Power PC is trade mark of IBM Corp.
DESCRIPTION
DESCRIPTION
The US3034 IC provides an 8 pin low cost switching
controller with true short circuit protection all in a
compact 8 pin surface mount package, providing a
low cost switching solution for dual supply processor
applications that require switching regulator for the 3.3V
supply such as the applications with AGP on board.
Typically in these applications a dual supply regulator
converts 5V to 3.3V for I/O supply and a jumper pro-
grammable supply of 1.25V to 3.5V for CORE supply .
The IC uses an internal regulator generated from the 12V
supply to power the controller as well as the 12V supply
to drive the power MOSFET, allowing a low cost N chan-
nel MOSFET to be used. The IC also includes an error
comparator for fast transient response, a precise volt-
age reference for setting the output voltage as well as a
direct drive of the MOSFET for the minimum part count.
FEATURES
FEATURES
8 pin SOIC Switching Controller with
HICCUP Current Limiting Reduces Diode
Power Dissipation to Less than 1% of Normal
Operation
Soft Start Capacitor allows for smooth Output
Voltage ramp up
On board MOSFET driver
Fastest transient response of any controller
method. ( 0 to 100% Duty Cycle in 100 nS )
1% internal voltage reference
Internal Under Voltage Lockout protects
MOSFET during start-up
APPLICATIONS
APPLICATIONS
Dual supply low voltage processor applications,
such as: P55C
™,CYRIX M2™, POWER PC™ and
AMD K6
™
Simple 5V to 3.3V switcher for Pentium with AGP
or Pentium II
™ applications
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
PRELIMINARY DATASHEET
3034app1-1.0
Vout
5V
C1
L1
C3
Q2
C2
L2
R4
C7
D1
R2
C4
R5
R1
12V
R3
C5
C8
1
2
3
4
5
6
7
8
Drv
V12
Vfb Vhyst
Gnd
CS-
CS+
SS
US3034
R8
R6
C6
R7


Similar Part No. - US3034CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3033CS UNISEM-US3033CS Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
US3036CS UNISEM-US3036CS Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
More results

Similar Description - US3034CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
logo
International Rectifier
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
8-PIN SYNCHRONOUS PWM CONTROLLER
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
List of Unclassifed Man...
LY9528 ETC2-LY9528 Datasheet
686Kb / 8P
LY9523 Thru LY9528 / PWM Controller IC / DIP 8 PIN
2011/9/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com