Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3034CS Datasheet(PDF) 5 Page - UNISEM

Part # US3034CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3034CS Datasheet(HTML) 5 Page - UNISEM

  US3034CS Datasheet HTML 1Page - UNISEM US3034CS Datasheet HTML 2Page - UNISEM US3034CS Datasheet HTML 3Page - UNISEM US3034CS Datasheet HTML 4Page - UNISEM US3034CS Datasheet HTML 5Page - UNISEM US3034CS Datasheet HTML 6Page - UNISEM US3034CS Datasheet HTML 7Page - UNISEM US3034CS Datasheet HTML 8Page - UNISEM US3034CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
US3034
4-5
Rev. 1.8
1/13/99
Ref Desig
Description
Qty
Part #
Manufacturer
U1
LDO/Switcher IC
1
US3034CS ( 8 pin SOIC)
Unisem
Q2
MOSFET
1
IRL3303 (TO220)
International
IRL3103S (TO263)
(note 1)
Rectifier
D1
Schottky Diode
1
MBR1045CT (TO220)
MBRB1545CT (TO263) (note1)
Motorola
L2
Inductor
1
Core:T50-18,L=4 uH
Micro Metal
Turns: 10T, 18 AWG
(core)
L1
Inductor
1
L=2 uH
R1
Resistor
1
22 ohm,5%, SMT 1206 size
R2
Resistor
1
10 ohm, 5%, SMT 1206 size
R3
Resistor
1
324 kohm,1%, SMT 0805 size
R4A *
Resistor
1
806 ohm,1%, SMT 0805 size
R4B *
Resistor
1
90.9 kohm,1%, SMT 0805 size
R5A
Resistor
1
1.24 kohm,1%, SMT 0805 size
R5B
Resistor
1
2.49 kohm,1%, SMT 0805 size
R5C
Resistor
1
4.99 kohm,1%, SMT 0805 size
R5D
Resistor
1
10 kohm,1%, SMT 0805 size
R5E
Resistor
1
1.30 kohm,1%, SMT 0805 size
R6
Resistor
1
5 miliohm,5%, 2W
R7
Resistor
1
4.99 kohm,1%, SMT 0805 size
R8
Resistor
1
4.7 kohm,5% for US3034, open for 3033
R9
Resistor
1
open for US3034, 10 ohm for US3033
C1
Capacitor
1
6MV1500GX, 1500uF,6.3V, Elect
C2
Capacitor
1
6MV1500GX, 1500uF,6.3V, Elect
Sanyo
C3
Capacitor
1
1 uF,Ceramic, SMT 0805 size
C4
Capacitor
1
470 pF,Ceramic, SMT 0805 size
Sanyo
C5
Capacitor
1
10 pF,Ceramic, SMT 0805 size
Sanyo
C7
Capacitor
4
6MV1500GX, 1500uF,6.3V, Elect
Sanyo
C8
Capacitor
1
0.047 uF for 3034 , 0.1uf for 3033
C6
Capacitor
1
4700pF for US3034, open for US3033
HS1
Heat Sink
1
For MOSFET , 577002
Aavid
HS2
Heat Sink
1
For Schottky Diode , 577002
Aavid
* R4 is a parallel combination of R4A and R4B.
Note 1: For the applications where it is desirable to eliminate the heat sink, the IRL3103S for Q2 and MBR1545CT for D2 in TO263
packages with minimum of 1" square copper pad can be used.
Pentium Core Supply Application Parts List (US3034 and US3033 Dual Layout)
Low Cost 4 Bit VID



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com