Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3034CS Datasheet(PDF) 3 Page - UNISEM

Part # US3034CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3034CS Datasheet(HTML) 3 Page - UNISEM

  US3034CS Datasheet HTML 1Page - UNISEM US3034CS Datasheet HTML 2Page - UNISEM US3034CS Datasheet HTML 3Page - UNISEM US3034CS Datasheet HTML 4Page - UNISEM US3034CS Datasheet HTML 5Page - UNISEM US3034CS Datasheet HTML 6Page - UNISEM US3034CS Datasheet HTML 7Page - UNISEM US3034CS Datasheet HTML 8Page - UNISEM US3034CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
US3034
4-3
Rev. 1.8
1/13/99
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
BLOCK DIAGRAM
BLOCK DIAGRAM
Figure 1 - Simplified block diagram of the US3034
A resistor divider from this pin to the output of the switching regulator and ground sets the
Core supply voltage.
This pin is connected to the minus side of the external current sense resistor. An internal
current source together with an external resistor in series with this pin programs the
current limit threshold voltage. This voltage divided by the external current sense resistor
sets the current limit threshold.
This pin is connected to the plus side of the external current sense resistor. A resistor in
series with this pin and a capacitor connected between this pin and pin 6 provides a high
frequency filtering for the noise spikes of turn on and turn off switching.
This pin is connected to the IC substrate and must be connected to the lowest potential
in the system.
The PWM output of the switching controller. This pin is a totem pole drive that is con-
nected to the gate of the power MOSFET. A resistor may be placed from this pin to the
gate in order to reduce switching noise.
A resistor and a 10pF capacitor is connected from this pin to the VFB1 pin to set the
output ripple voltage for the switching regulator.
This pin supplies the voltage to the PWM drive and hysterises circuitry and it is con-
nected to the 12V supply. A 1 uF, high frequency capacitor must be connected from this
pin to ground to provide the peak current for charging and discharging of the MOSFET.
This pin provides the soft start for the regulator during power up. It also sets a long off
time when the converter goes into current limiting, providing low duty cycle for the catch
diode allowing it to survive during short circuit.
3
VFB
6
C.S-
7
C.S+
5
Gnd
1
Drv
4
VHYST
2
V12
8
S.S
Vref
UVLO
1.25V
PWM Control
V12
Vhyst
CS+
Drv
Gnd
Vfb
CS-
5
1
2
4
3
7
6
3034blk1-1.1
SS
8
5V Reg
S.S. / Hiccup
Control
20uA
R
3R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com