Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3034CS Datasheet(PDF) 9 Page - UNISEM

Part # US3034CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3034CS Datasheet(HTML) 9 Page - UNISEM

  US3034CS Datasheet HTML 1Page - UNISEM US3034CS Datasheet HTML 2Page - UNISEM US3034CS Datasheet HTML 3Page - UNISEM US3034CS Datasheet HTML 4Page - UNISEM US3034CS Datasheet HTML 5Page - UNISEM US3034CS Datasheet HTML 6Page - UNISEM US3034CS Datasheet HTML 7Page - UNISEM US3034CS Datasheet HTML 8Page - UNISEM US3034CS Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
US3034
4-9
Rev. 1.8
1/13/99
Switcher Output Voltage Setting
The output voltage can be set using the following
equations.
Assuming , Vo=3.38V and the selected output ripple
is
≈ 1.3%(44mV) of the output voltage, a set of
equations are derived that selects the resistor divider
and the hysterises resistor.
Assuming, Rt=1k
Ω , 1%
Rh=(11*Rt)/
∆Vo
Where:
Rt=Top resistor of the resistor divider
Rh=Hysterises resistor connected between pins 3 and
4 of the US3034
∆Vo=Selected output ripple (typically 1% to 2% of
output voltage)
Assuming,
∆Vo=44mV
Rh=(11*1000)/0.044=250 k
Ω
Select Rh=249 k
Ω , 1%
The bottom resistor of the divider is then calculated
using the following equations:
Rb=Rt/X
Where:
Rb=Bottom resistor of the divider
X=
[(Vo + (∆Vo/2))/Vref] - 1
Vref=1.25 V typ.
X=
[(3.38+ (0.044/2))/1.25] - 1 = 1.72
Rb=1000/1.72=580
Ω
Select Rb=576
Ω , 1%
Frequency Calculation
The US3034 frequency of operation is calculated using
the following formula:
Fs=
[(Vo*(1-D)*ESR)]/(L*∆Vo) (MHz)
Where:
Vo=Output voltage (V)
D=Duty cycle
ESR=Output capacitor ESR (V)
L=Output inductance (uH)
∆Vo=Output ripple voltage (V)
For our example:
D
≈(Vo + Vf)/Vin
Where, Vf=Forward voltage drop of the Schotky diode
D=(3.38 + 0.5)/5=0.78
The ESR=18m
Ω for 2 of the Sanyo 1500uF,
6MV1500GX caps. If L=3.5uH then, Fs is calculated
as follows:
Fs=
[(3.38*(1-0.78)*0.018)]/(3.5*0.044)= 0.087 Mhz =
87 kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com