Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3036CS Datasheet(PDF) 2 Page - UNISEM

Part # US3036CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3036CS Datasheet(HTML) 2 Page - UNISEM

  US3036CS Datasheet HTML 1Page - UNISEM US3036CS Datasheet HTML 2Page - UNISEM US3036CS Datasheet HTML 3Page - UNISEM US3036CS Datasheet HTML 4Page - UNISEM US3036CS Datasheet HTML 5Page - UNISEM US3036CS Datasheet HTML 6Page - UNISEM US3036CS Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
US3036
4-2
Rev. 1.1
12/4/98
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
VCC Supply Voltage ............................................................. 20V
F.B Pin Voltage........................................................
-0.3V to 5V
Storage Temperature Range .................................
-65 TO 150
°C
Operating Junction Temperature ............................... 0 TO 150
°C
PACKAGE INFORMATION
PACKAGE INFORMATION
8 PIN PLASTIC SOIC (S)
θJA=160°C/W
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
F.B Voltage Initial Accuracy
VFB
TJ =25
°C
1.237
1.250
1.262
V
F.B Voltage Total Variation
1.225
1.250
1.275
V
F.B Voltage Line Regulation
0.2
%
F.B Input Bias Current
IFB
VFB =1.25V
-1
+1
uA
Min On Time
VFB is sq wave with 300 ns on
800
nS
time and 2 uS off time
Min Off Time
VFB is sq wave with 300 ns off
800
nS
time and 2 uS on time
Supply Current
ICCSW
VFB =1.5V
10
mA
Maximum Duty Cycle
DMAX
VFB =1.5V
100
%
Minimum Duty Cycle
DMIN
VFB =1V
0
%
Gate Drive Rise/Fall Time
VGATE
Load=1000pF
70
nS
C.L Threshold Current
ICL
C.S+ , C.S- from 1.3V to 3.7V
20
uA
C.S Comp Common Mode
VCS+ = VCS-
0
4.5
V
Soft Start Current
10
uA
UVLO Threshold
VUVLO
4.25
4.4
4.55
V
ELECTRICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Unless otherwise specified the following specification applies over VCC =5V, and TA =0 to 70
°C. Low duty cycle
pulse testing are used which keeps junction and case temperatures equal to the ambient temperature.
4
3
2
1
5
6
7
8
TOP VIEW
Drv
Vcc
Vfb
NC
Gnd
CS-
CS+
SS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com