Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3036CS Datasheet(PDF) 4 Page - UNISEM

Part # US3036CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3036CS Datasheet(HTML) 4 Page - UNISEM

  US3036CS Datasheet HTML 1Page - UNISEM US3036CS Datasheet HTML 2Page - UNISEM US3036CS Datasheet HTML 3Page - UNISEM US3036CS Datasheet HTML 4Page - UNISEM US3036CS Datasheet HTML 5Page - UNISEM US3036CS Datasheet HTML 6Page - UNISEM US3036CS Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
US3036
4-4
Rev. 1.1
12/4/98
Figure 2- The circuit in figure 2 is the application of the US3036 providing a low cost solution for a 2.5V/2A supply from
the 5V dual supply. This circuit uses current sense resistor to set the current limiting.
TYPICAL APPLICATION
TYPICAL APPLICATION
5V to 2.5V for RDRAM Supply
Ref Desig
Description
Qty
Part #
Manufacturer
U1
LDO/Switcher IC
1
US3036CS ( 8 pin SOIC)
Unisem
Q2
MOSFET
1
IRF7204 (8 pin SOIC) or IRF7406 for 4A
IR
P Ch
SI9435DY (8 pin SOIC) or SI4431 for 4A
Temic
D1
Schottky Diode
1
SK33DICT (SMC)
Lite on
L2
Inductor
1
Core:T44-52,L=6 uH
Micro Metal
Turns: 15T, 20 AWG
(core)
L1
Inductor
1
L=1 uH
R1
Resistor
1
10 ohm,5%, SMT 1206 size
R2
Resistor
1
10 ohm, 5%, SMT 1206 size
R3
Resistor
1
200 kohm,1%, SMT 0805 size
R4
Resistor
1
1 kohm,1%, SMT 0805 size
R5
Resistor
1
1 kohm,1%, SMT 0805 size
R6
Resistor
1
5 miliohm,5%, 2W
Ohmite
R7,8
Resistor
2
3.57 kohm,1%, SMT 0805 size
C1
Capacitor
1
470uF,10V, Elect
Sanyo
C2
Capacitor
1
10CV1000DX, 1000uF,10V, Elect ,ESR=0.07 Ohm
Sanyo
C3
Capacitor
1
1 uF,Ceramic, SMT 0805 size
C4
Capacitor
1
470 pF,Ceramic, SMT 0805 size
Sanyo
C5
Capacitor
1
10 pF,Ceramic, SMT 0805 size
Sanyo
C6
Capacitor
1
4700pF
C7
Capacitor
1
10CV1000DX, 1000uF,10V, Elect ,ESR=0.07 Ohm
Sanyo
C8
Capacitor
1
0.15 uF
3036app1-1.3
Vout
C1
L1
C3
Q2
C2
L2
R4
C7
D1
R2
C4
R5
R1
R3
C5
C8
US3036
R8
R6
C6
R7
1
2 3
4
5
6
7
8
Drv Vcc
Vfb
NC
Gnd
CS-
CS+
SS
ATX
P.S.
5V
5V(S.B.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com