Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3036CS Datasheet(PDF) 3 Page - UNISEM

Part # US3036CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3036CS Datasheet(HTML) 3 Page - UNISEM

  US3036CS Datasheet HTML 1Page - UNISEM US3036CS Datasheet HTML 2Page - UNISEM US3036CS Datasheet HTML 3Page - UNISEM US3036CS Datasheet HTML 4Page - UNISEM US3036CS Datasheet HTML 5Page - UNISEM US3036CS Datasheet HTML 6Page - UNISEM US3036CS Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
US3036
4-3
Rev. 1.1
12/4/98
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
BLOCK DIAGRAM
BLOCK DIAGRAM
Figure 1 - Simplified block diagram of the US3036
A resistor divider from this pin to the output of the switching regulator and ground sets the
Core supply voltage.
This pin is connected to the minus side of the external current sense resistor. An internal
current source together with an external resistor in series with this pin programs the
current limit threshold voltage. This voltage divided by the external current sense resistor
sets the current limit threshold.
This pin is connected to the plus side of the external current sense resistor. A resistor in
series with this pin and a capacitor connected between this pin and pin 6 provides a high
frequency filtering for the noise spikes of turn on and turn off switching.
This pin is connected to the IC substrate and must be connected to the lowest potential
in the system.
The PWM output of the switching controller. This pin is a totem pole drive that is con-
nected to the gate of the power MOSFET. A resistor may be placed from this pin to the
gate in order to reduce switching noise.
This pin supplies the voltage to the PWM drive and hysterises circuitry and it is con-
nected to the same supply as the input supply to the switching regulator . A 1 uF, high
frequency capacitor must be connected from this pin to ground to provide the peak cur-
rent for charging and discharging of the MOSFET.
This pin provides the soft start for the regulator during power up. It also sets a long off
time when the converter goes into current limiting, providing low duty cycle for the catch
diode allowing it to survive during short circuit.
No connect.
3
VFB
6
C.S-
7
C.S+
5
Gnd
1
Drv
2
VCC
8
S.S
4
N.C
Vref
UVLO
1.25V
PWM Control
Vcc
NC
CS+
Drv
Gnd
Vfb
CS-
5
1
2
4
3
7
6
3036blk1-1.2
SS
8
5V Reg
S.S. / Hiccup
Control
20uA
R
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com