Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3036CS Datasheet(PDF) 1 Page - UNISEM

Part # US3036CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3036CS Datasheet(HTML) 1 Page - UNISEM

  US3036CS Datasheet HTML 1Page - UNISEM US3036CS Datasheet HTML 2Page - UNISEM US3036CS Datasheet HTML 3Page - UNISEM US3036CS Datasheet HTML 4Page - UNISEM US3036CS Datasheet HTML 5Page - UNISEM US3036CS Datasheet HTML 6Page - UNISEM US3036CS Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
US3036
4-1
Rev. 1.1
12/4/98
8 PIN PWM SWITCHER
CONTROLLER IC
Typical application of US3036
TA (°C)
8 PIN PLASTIC
SOIC (S)
0 TO 70
US3036CS
DESCRIPTION
DESCRIPTION
The US3036 IC provides an 8 pin low cost switching
controller with true short circuit protection all in a
compact 8 pin surface mount package, providing a
low cost switching solution for applications that re-
quire a simple switching regulator from the 5V input where
there is no other supply available. One type of such
application is generating 2.5V standby from the dual
5V(5V and 5V standby) for the next generation proces-
sors. The IC starts below 4.5V supply and drives an
external Pch MOSFET or and external low cost PNP as
the switching element. The IC also includes an error com-
parator for fast transient response, a precise voltage ref-
erence for setting the output voltage as well as a direct
drive of the MOSFET for the minimum part count.
FEATURES
FEATURES
8 pin SOIC Switching Controller with
HICCUP Current Limiting Reduces Diode Power
Dissipation to Less than 1% of Normal Opera-
tion
Soft Start Capacitor allows for smooth Output
Voltage ramp up
On board MOSFET driver
Fastest transient response of any controller
method. ( 0 to 100% Duty Cycle in 100 nS )
1% internal voltage reference
Internal Under Voltage Lockout protects
MOSFET during start-up
APPLICATIONS
APPLICATIONS
Single input Switching Regulators such as Simple
5V to 2.5V switcher for RDRAM regulator
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
PRELIMINARY DATASHEET
TYPICAL APPLICATION
TYPICAL APPLICATION
3036app2-1.0
Vout
C1
L1
C3
Q2
C2
L2
R4
C7
D1
R2
C4
R5
R1
R3
C5
C8
US3036
R6
C6
R7
1
2 3
4
5
6
7
8
Drv Vcc
Vfb
NC
Gnd
CS-
CS+
SS
ATX
P.S.
5V
5V(S.B.)


Similar Part No. - US3036CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3033CS UNISEM-US3033CS Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3034CS UNISEM-US3034CS Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
More results

Similar Description - US3036CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
logo
International Rectifier
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
8-PIN SYNCHRONOUS PWM CONTROLLER
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
List of Unclassifed Man...
LY9528 ETC2-LY9528 Datasheet
686Kb / 8P
LY9523 Thru LY9528 / PWM Controller IC / DIP 8 PIN
2011/9/21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com