Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3036CS Datasheet(PDF) 5 Page - UNISEM

Part # US3036CS
Description  8 PIN PWM SWITCHER CONTROLLER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3036CS Datasheet(HTML) 5 Page - UNISEM

  US3036CS Datasheet HTML 1Page - UNISEM US3036CS Datasheet HTML 2Page - UNISEM US3036CS Datasheet HTML 3Page - UNISEM US3036CS Datasheet HTML 4Page - UNISEM US3036CS Datasheet HTML 5Page - UNISEM US3036CS Datasheet HTML 6Page - UNISEM US3036CS Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
US3036
4-5
Rev. 1.1
12/4/98
Figure 2- The circuit in figure 2 is the application of the US3036 providing a low cost solution for a 2.5V supply from
the 5V dual supply.
TYPICAL APPLICATION
TYPICAL APPLICATION
5V to 2.5V for RDRAM Supply
3036app2-1.0
Vout
C1
L1
C3
Q2
C2
L2
R4
C7
D1
R2
C4
R5
R1
R3
C5
C8
US3036
R6
C6
R7
1
2
3
4
5
6
7
8
Drv Vcc
Vfb
NC
Gnd
CS-
CS+
SS
ATX
P.S.
5V
5V(S.B.)
Ref Desig
Description
Qty
Part #
Manufacturer
U1
LDO/Switcher IC
1
US3036CS ( 8 pin SOIC)
Unisem
Q2
MOSFET
1
IRF7204 (8 pin SOIC) or IRF7406 for 4A
IR
P Ch
SI9435DY (8 pin SOIC) or SI4431 for 4A
Temic
D1
Schottky Diode
1
SK33DICT (SMC)
Lite on
L2
Inductor
1
Core:T44-52,L=6 uH
Micro Metal
Turns: 15T, 20 AWG
(core)
L1
Inductor
1
L=1 uH
R1
Resistor
1
10 ohm,5%, SMT 1206 size
R2
Resistor
1
10 ohm, 5%, SMT 1206 size
R3
Resistor
1
200 kohm,1%, SMT 0805 size
R4
Resistor
1
1 kohm,1%, SMT 0805 size
R5
Resistor
1
1 kohm,1%, SMT 0805 size
R6
Resistor
1
1 kohm,5%
R7
Resistor
1
3.57 kohm,1%, SMT 0805 size
C1
Capacitor
1
470uF,10V, Elect
Sanyo
C2
Capacitor
1
10CV1000DX, 1000uF,10V, Elect ,ESR=0.07 Ohm
Sanyo
C3
Capacitor
1
1 uF,Ceramic, SMT 0805 size
C4
Capacitor
1
470 pF,Ceramic, SMT 0805 size
Sanyo
C5
Capacitor
1
10 pF,Ceramic, SMT 0805 size
Sanyo
C6
Capacitor
1
0.1uF
C7
Capacitor
1
10CV1000DX, 1000uF,10V, Elect ,ESR=0.07 Ohm
Sanyo
C8
Capacitor
1
0.15 uF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com