Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1052 Datasheet(PDF) 3 Page - Marktech Corporate

Part # TLEGD1052
Description  TOSHIBA LED Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLEGD1052 Datasheet(HTML) 3 Page - Marktech Corporate

  TLEGD1052 Datasheet HTML 1Page - Marktech Corporate TLEGD1052 Datasheet HTML 2Page - Marktech Corporate TLEGD1052 Datasheet HTML 3Page - Marktech Corporate TLEGD1052 Datasheet HTML 4Page - Marktech Corporate TLEGD1052 Datasheet HTML 5Page - Marktech Corporate TLEGD1052 Datasheet HTML 6Page - Marktech Corporate TLEGD1052 Datasheet HTML 7Page - Marktech Corporate TLEGD1052 Datasheet HTML 8Page - Marktech Corporate TLEGD1052 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLBD1052(T20),TLEGD1052(T20)
2008-01-10
3
Optical Characteristics-1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min.
Typ.
Max.
IF
Available Iv rank
Please see Note 2
TLBD1052
85
300
736
20
N / P / Q
TLEGD1052
272
850
2300
20
Q / R / S
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
N
85
230
P
153
414
Q
272
736
R
476
1290
S
850
2300
Unit
mcd
mcd
Optical Characteristics-2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
∆λ
Dominant Wavelength
λd
Product Name
Min
Typ
Max
Typ
Min
Typ
Max
IF
TLBD1052
⎯
468
⎯
25
463
470
479
TLEGD1052
⎯
518
⎯
35
517
528
540
20
Unit
nm
nm
nm
mA
The cautions
• ESD withstand voltage according to MIL STD 883D, Method 3015.7 : ≥1000V
When handling this LED, take the following measures to prevent the LED from being damaged or otherwise
adversely affected.
1) Use a conductive tablemat and conductive floor mat, and ground the workbench and floor.
2) Operators handling laser diodes must be grounded via a high resistance (about 1MΩ). A conductive strap is
good for this purpose.
3) Ground all tools including soldering irons.
• These products are designed as a general display light source usage, and they have applied the measurement
standard that matched with the sensitivity of human's eyes. Therefore, they are not intended for usage of
functional application (ex. Light source for sensor, optical communication and etc) except general display light
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com